Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
56
9.15 SPLT SMDS PLCP Layer Transmitter
The SMDS PLCP Layer Transmitter (SPLT ) Block integrates circuitry to support
DS1, DS3, E1, and G.751 E3 based PLCP frame insertion.
The SPLT automatically inserts the framing (A1, A2) and path overhead
identification (POHID) octets and provides registers or automatic generation of the
F1, B1, G1, M2, M1 and C1 octets.
Registers are provided for the path user channel octet (F1) and the path status octet
(G1). The bit interleaved parity octet (B1) and the FEBE subfield are automatically
inserted.
The DQDB management information octets, M1 and M2 are generated. The type 0
and type 1 patterns described in TA-TSY-000772 are automatically inserted. The
type 1 page counter may be reset using a register bit in the SPLT Configuration
register. Note that this feature is not required for the ATM Forum compliant DS3
UNI. For this application, the M1 and M2 octets must be set to all zeros.
The cycle/stuff counter octet, C1, may be controlled using the C13/CADD input, or a
fixed stuffing pattern may be inserted. A looped timing operating mode is provided
where the transmit PLCP timing is derived from the received timing. In this mode,
the C1 stuffing is generated based on the received stuffing pattern as determined by
the SPLR block. When DS1 or E1 PLCP format is enabled, the pattern 00H is
inserted.
When DS3 PLCP format is enabled, the C1 octet indicates the phase of the 375 µs
nibble stuffing opportunity cycle. During frame one of the three frame cycle, the
pattern FFH is inserted in the C1 octet, indicating a 13 nibble trailer length. During
frame two, the pattern 00H is inserted, indicating a 14 nibble trailer length. During
frame three, the pattern 66H or 99H is inserted, indicating a 13 or 14 nibble trailer
length respectively. The nibble trailer is set to the binary value 1100.
When configured for G.751 E3 PLCP frame format, the C1 octet is used to indicate
the number of octets stuffed in the trailer. The following table shows the C1 octet
pattern for each of the possible octet stuff lengths:
Stuff Length
C1(Hex)
17
3B
18
4F
19
75
20
9D
21
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com