Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 59Page - PMC-Sierra, Inc PM7345 Datasheet HTML 60Page - PMC-Sierra, Inc PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc PM7345 Datasheet HTML 62Page - PMC-Sierra, Inc PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc PM7345 Datasheet HTML 64Page - PMC-Sierra, Inc PM7345 Datasheet HTML 65Page - PMC-Sierra, Inc PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
49
of 5.0 ms, an E1 application detection time of 77 ms, a DS3 application detection
time of 3.5 ms, and a DS1 application detection time of 100 ms. If the counter value
is set to zero, the LCD output signal is asserted for every incorrect cell.
9.8
RXCP Receive Cell Processor
The Receive Cell Processor (RXCP) Block integrates circuitry to support cell
payload descrambling, header check sequence (HCS) verification and
idle/unassigned cell filtering.
The RXCP operates upon a delineated cell stream. For PLCP based transmissions
systems, cell delineation is performed by the SPLR. For non-PLCP based
transmission systems, cell delineation is performed by the ATMF. Framing status
indications from these blocks ensure that cells are not written to the RXFF while the
SPLR is in the loss of frame state, or cells are not written to the RXFF while the
ATMF is in the HUNT or PRESYNC states.
The RXCP descrambles the cell payload field using the self synchronizing
descrambler with a polynomial of x43 + 1. The header portion of the cells is not
descrambled. Note that cell payload scrambling is optional in the S/UNI-PDH, yet is
required by ITU-T Recommendation I.432. The ATM Forum DS3 UNI specification
requires that cell payloads are unscrambled for the DS3 physical layer interface
(however, discussions are ongoing to make scrambling a requirement in the future).
The HCS is a CRC-8 calculation over the first 4 octets of the ATM cell header. The
RXCP verifies the received HCS using the accumulation polynomial, x8 + x2 + x + 1.
The coset polynomial x6 + x4 + x2 + 1 is added (modulo 2) to the received HCS octet
before comparison with the calculated result as required by the ATM Forum UNI
specification, and ITU-T Recommendation I.432.
The RXCP can be programmed to drop all cells containing an HCS error or to filter
cells based on the HCS and/or the 4 octet cell header. Filtering according to a
particular HCS and/or 4 octet header pattern is programmable through the RXCP
configuration/control registers. More precisely, filtering is performed when filtering is
enabled or when HCS errors are found when HCS checking is enabled. Otherwise,
all cells are passed on regardless of any error conditions. Cells are blocked if the
HCS pattern is invalid or if the filtering 'Match Pattern' and 'Match Mask' registers
are programmed with a certain blocking pattern. Idle cells are not automatically
filtered. If they are required to be filtered, then that filtering criterion (i.e. the Null cell
pattern) must be programmed through the IDLE/Unassigned Cell Pattern and Mask
registers. For direct mapped or PLCP mapped ATM cells, Null cells (Idle cells) are
identified by the standardized header pattern of 'H00, 'H00, 'H00 and 'H01 in the first
4 octets followed by the valid HCS octet. When operating in a DQDB system the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com