Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 34Page - PMC-Sierra, Inc PM7345 Datasheet HTML 35Page - PMC-Sierra, Inc PM7345 Datasheet HTML 36Page - PMC-Sierra, Inc PM7345 Datasheet HTML 37Page - PMC-Sierra, Inc PM7345 Datasheet HTML 38Page - PMC-Sierra, Inc PM7345 Datasheet HTML 39Page - PMC-Sierra, Inc PM7345 Datasheet HTML 40Page - PMC-Sierra, Inc PM7345 Datasheet HTML 41Page - PMC-Sierra, Inc PM7345 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
RSOC
Tristate
55
57
Receive Start of Cell (RSOC). RSOC indicates
the start of a 53 octet cell. It is asserted when the
first octet is read from the receive FIFO. RSOC is
tristateable in the 100-pin PQFP package when
TSEN is logic 1. It is forced tristate while FRDB is
high and the receive FIFO is not bypassed (when
SYFIFOB is logic 1), or while RRDENB is sampled
high by the rising edge of RFCLK (when SYFIFOB
is logic 0). The RSOC logic value is driven on the
pin while FRDB is low (asynchronous FIFO
interface) or while RRDENB is sampled logic 0
(synchronous interface). RSOC is updated on the
rising edge of FRDB or RFCLK. When the receive
FIFO is bypassed, RSOC is updated on the falling
edge of FRCLK.
REOH/
LOF
Tristate
53
55
Receive End of Header (REOH). REOH is
asserted when the fifth octet of the 53 octet cell is
read from the receive FIFO. REOH is tristatable in
the 100-pin PQFP package when TSEN is logic 1. It
is forced tristate while FRDB is high and the receive
FIFO is not bypassed (when SYFIFOB is logic 1), or
while RRDENB is sampled high by the rising edge
of RFCLK (when SYFIFOB is logic 0). The REOH
logic value is driven on the pin while FRDB is low
(asynchronous FIFO interface) or while RRDENB is
sampled logic 0 (synchronous interface). REOH is
updated on the rising edge of FRDB or RFCLK.
PLCP Loss of Frame (LOF). LOF is asserted
while the PLCP receiver is in a loss of frame state.
LOF may be used to indicate the valid/invalid status
of the FRDATA[7:0] octets to a higher layer
processing entity while the receive FIFO is
bypassed. LOF is updated on the falling edge of
FRCLK.
The REOH/LOF pin function selection is controlled
by the FIFOBP bit in the S/UNI-PDH Configuration
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com