Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc PM7345 Datasheet HTML 54Page - PMC-Sierra, Inc PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc PM7345 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
Input
Input
Input
Input
Input
Input
Input
Input
24
23
22
21
6
5
4
3
32
31
30
29
16
15
14
13
Address Bus (A[7:0]).
The address bus (A[7:0)
selects specific registers during accesses.
VDDO[0]
VDDO[1]
VDDO[2]
VDDO[3]
Power
Power
Power
Power
11
37
64
87
21
42
65
84
Pad Ring Power (VDDO[3:0]). These pins must be
connected to a common, well decoupled +5 VDC
supply together with the VDDI[2:0] pins. Care must
be taken to avoid coupling noise induced on the
VDDO pins into the VDDI pins.
VDDI[0]
VDDI[1]
VDDI[2]
Power
Power
Power
14
15
60
23
n/a
62
Core Power (VDDI[2:0]). These pins must be
connected to a common, well decoupled +5 VDC
supply together with the VDDO[3:0] pins.
VSSO[0]
VSSO[1]
VSSO[2]
VSSO[3]
VSSO[4]
Ground
Ground
Ground
Ground
Ground
16
38
63
85
75
24
43
64
83
n/a
Pad Ring Ground (VSSO[4:0]). These pins must
be connected to a common ground together with
the VSSI[2:0] pins. Care must be taken to avoid
coupling noise induced on the VSSO pins into the
VSSI pins.
VSSI[0]
VSSI[1]
VSSI[2]
Ground
Ground
Ground
12
13
61
22
n/a
63
Core Ground (VSSI[2:0]). These pins must be
connected to a common ground together with the
VSSO[4:0] pins.
Notes on Pin Description:
1. Most S/UNI-PDH inputs and bidirectionals present minimum capacitive loading
and operate at TTL logic levels. The high speed inputs, RCLK, RPOS/RDAT,
RNEG/ROHM, TICLK, C13/CADD, and TIOHM inputs operate at CMOS logic
levels. The ALE, RSTB, TSEN, TDLSIG, TXPRTY, and SYFIFOB inputs have
pullups. The RRDENB and TWRENB inputs have integral pull-down resistors.
RSTB uses a schmitt trigger input.
2. The TCLK, TPOS/TDAT, TNEG/TOHM, RSOC, REOH, REOC, RFIFOE,
TFIFOFB outputs, and the FRDATA[7:0] and RXPRTY tristate outputs have non
slew-rate limited 2 mA drive capability. The D[7:0] bidirectionals and INTB have
4 mA slew-rate limited drive capability. All other S/UNI-PDH digital outputs have
2 mA slew-rate limited drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com