Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 65Page - PMC-Sierra, Inc PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
9.13 XBOC Bit Oriented Code Generator
The Bit Oriented Code Generator (XBOC) Block transmits 63 of the possible 64 bit
oriented codes (BOC) in the C-bit parity Far End Alarm and Control (FEAC) channel.
A BOC is a 16-bit sequence consisting of 8 ones, a zero, 6 code bits, and a trailing
zero (111111110xxxxxx0) which is repeated as long as the code is not 111111. The
code to be transmitted is programmed by writing the XBOC Code Register. The
64th code (111111) is similar to the HDLC idle sequence and is used to disable the
transmission of any bit oriented codes. When transmission is disabled, the FEAC
channel is set to all ones.
9.14 XFDL Facility Data Link Transmitter
The Facility Data Link Transmitter (XFDL) provides a serial data link for the C-bit
parity path maintenance data link in DS3, the serial Network Operator byte or the
General Purpose datalink in G.832 E3, or the National Use bit datalink in G.751
E3. The XFDL is used under microprocessor control to transmit HDLC data
frames. It performs all of the data serialization, CRC generation, zero-bit stuffing,
as well as flag, and abort sequence insertion. Upon completion of the message,
a CRC-CCITT frame check sequence (FCS) is appended, followed by flags. If
the XFDL Transmit Data register underflows, an abort sequence is automatically
transmitted.
When enabled, the XFDL continuously transmits flags (01111110). Data bytes to
be transmitted are written into the XFDL Transmit Data Register. After the
parallel-to-serial conversion of each data byte, an interrupt is generated to signal
the microprocessor to write the next byte. After the last data frame byte, the FCS
(if CRC insertion has been enabled), or a flag (if CRC insertion has not been
enabled) is transmitted. The XFDL then returns to the transmission of flag
sequences.
If there are more than five consecutive ones in the raw transmit data or in the
CRC data, a zero is stuffed into the serial data output. This prevents the
unintentional transmission of flag or abort sequences.
Abort characters can be continuously transmitted at any time by setting a control
bit. During transmission, an underrun situation can occur if data is not written to
the XFDL Transmit Data register before the previous byte has been depleted. In
this case, an abort sequence is transmitted, and the controlling processor is
notified via the UDR signal.
When the XFDL is disabled, a logical 1 is inserted in the path maintenance data
link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com