Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 32Page - PMC-Sierra, Inc PM7345 Datasheet HTML 33Page - PMC-Sierra, Inc PM7345 Datasheet HTML 34Page - PMC-Sierra, Inc PM7345 Datasheet HTML 35Page - PMC-Sierra, Inc PM7345 Datasheet HTML 36Page - PMC-Sierra, Inc PM7345 Datasheet HTML 37Page - PMC-Sierra, Inc PM7345 Datasheet HTML 38Page - PMC-Sierra, Inc PM7345 Datasheet HTML 39Page - PMC-Sierra, Inc PM7345 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
22
RRDENB
Input
70
n/a
Receive FIFO Read Enable (RRDENB). This
active low enable signal is used to initiate reads
from the synchronous receive FIFO interface (when
SYFIFOB is tied to logic 0). RRDENB sampled (on
the rising edge of RFCLK) at logic 0 indicates that
RSOC and FRDATA[7:0] will be sampled by the ATM
layer at the end of the current RFCLK cycle (on the
next rising edge of RFCLK). When RRDENB is
sampled at logic 1, no read is performed. RRDENB
must be used in conjunction with RFCLK to access
the FIFO at a high enough instantaneous rate as to
avoid FIFO overflow. The RRDENB signal is only
available in the 100-pin PQFP package. RRDENB
contains an integral pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com