Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc PM7345 Datasheet HTML 57Page - PMC-Sierra, Inc PM7345 Datasheet HTML 58Page - PMC-Sierra, Inc PM7345 Datasheet HTML 59Page - PMC-Sierra, Inc PM7345 Datasheet HTML 60Page - PMC-Sierra, Inc PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc PM7345 Datasheet HTML 62Page - PMC-Sierra, Inc PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
The E3-FRMR detects the presence of AIS in the incoming data stream when less
than 8 zeros in a frame are detected while the framer is OOF in G.832 mode, or
when less than 5 zeros in a frame are detected while OOF in G.751 mode. This
algorithm provides a probability of detecting AIS in the presence of a 10-3 BER as
92.9% in G.832 and 98.0% in G.751.
Loss of signal is LOS is declared when no marks have been received for 32
consecutive bit periods. Loss of signal is deasserted after 32 bit periods during
which there is no sequence of four consecutive zeros.
The E3-FRMR can also be enabled to automatically assert the RAI/FERF indication
in the outgoing transmit stream upon detection of any combination of LOS, OOF or
AIS. The E3-FRMR can also be enabled to automatically insert G.832 FEBE upon
detection of receive BIP-8 errors.
9.3
PMON Performance Monitor Accumulator
The Performance Monitor (PMON) Block interfaces directly with either the DS3
Framer (T3-FRMR) to accumulate line code violation (LCV) events, parity error
(PERR) events, path parity error (CPERR) events, far end block error (FEBE) events,
and framing bit error (FERR) events using saturating counters; or the E3-FRMR to
accumulate LCV, PERR (in G.832 mode), FEBE, FERR, and incoming error counts
(IEC) in G.832 Tandem Connection mode. Due to the off-line nature of the DS3 or
E3 Framers, PMON continues to accumulate performance meters even while the
T3-FRMR or the E3-FRMR has declared OOF.
When an accumulation interval is signalled by a write to the PMON register address
space or a write to the CPPM register address space, the PMON transfers the
current counter values into microprocessor accessible holding registers and resets
the counters to begin accumulating error events for the next interval. The counters
are reset in such a manner that error events occurring during the reset period are
not missed.
When counter data is transferred into the holding registers, an interrupt is
generated, providing the interrupt is enabled. If the holding registers have not been
read since the last interrupt, an overrun status bit is set. In addition, a register is
provided to indicate changes in the PMON counters since the last accumulation
interval.
9.4
RBOC Bit-Oriented Code Detector
Bit-Oriented Code Detector is only use in T3 C-bit Parity mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com