Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc PM7345 Datasheet HTML 77Page - PMC-Sierra, Inc PM7345 Datasheet HTML 78Page - PMC-Sierra, Inc PM7345 Datasheet HTML 79Page - PMC-Sierra, Inc PM7345 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
50H
RXCP User-Programmable Cell Mask: H2 octet
51H
RXCP User-Programmable Cell Mask: H3 octet
52H
RXCP User-Programmable Cell Mask: H4 octet
53H
RXCP HCS Control/Status
54H
RXCP LCD Count Threshold
55H-57H
Reserved
58H
TXCP Control
59H
TXCP Interrupt Enable/Status
5AH
TXCP Idle/Unassigned Cell Pattern: H1 octet
5BH
TXCP Idle/Unassigned Cell Pattern: H2 octet
5CH
TXCP Idle/Unassigned Cell Pattern: H3 octet
5DH
TXCP Idle/Unassigned Cell Pattern: H4 octet
5EH
TXCP Idle/Unassigned Cell Pattern: H5 octet
5FH
TXCP Idle/Unassigned Cell Payload
60H
E3 FRMR Framing Options
61H
E3 FRMR Maintenance Options
62H
E3 FRMR Framing Interrupt Enable
63H
E3 FRMR Framing Interrupt Indication and Status
64H
E3 FRMR Maintenance Event Interrupt Enable
65H
E3 FRMR Maintenance Event Interrupt Indication
66H
E3 FRMR Maintenance Event Status
67H
Reserved
68H
E3 TRAN Framing Options
69H
E3 TRAN Status and Diagnostic Options
6AH
E3 TRAN BIP-8 Error Mask
6BH
E3 TRAN Maintenance and Adaptation Options
6CH
TTB Control Register
6DH
TTB Trail Trace Identifier Status
6EH
TTB Indirect Address Register
6FH
TTB Indirect Data Register
70H
TTB Expected Payload Type Label Register
71H
TTB Payload Type Label Control/Status
72H
Reserved
73H
Reserved
74H
Sync FIFO Parity Control/Status
75H-7FH
Reserved
80H-FFH
Reserved For Test Mode Registers
For all register accesses, CSB must be low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com