Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 13Page - PMC-Sierra, Inc PM7345 Datasheet HTML 14Page - PMC-Sierra, Inc PM7345 Datasheet HTML 15Page - PMC-Sierra, Inc PM7345 Datasheet HTML 16Page - PMC-Sierra, Inc PM7345 Datasheet HTML 17Page - PMC-Sierra, Inc PM7345 Datasheet HTML 18Page - PMC-Sierra, Inc PM7345 Datasheet HTML 19Page - PMC-Sierra, Inc PM7345 Datasheet HTML 20Page - PMC-Sierra, Inc PM7345 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
The transmitter section:
• Provides frame insertion for the M23 or C-bit parity DS3 applications, alarm
insertion, and diagnostic features. In addition, far end alarm channel codes may
be inserted, and an integral HDLC transmitter is provided to insert the path
maintenance data link.
• Provides frame insertion for the G.751 or G.832 E3 applications, alarm insertion,
and diagnostic features. In addition, for G.832, the Trail Trace is inserted, and an
integral HDLC transmitter is provided to insert either the Network Requirement or
the General Purpose data link.
• Provides frame insertion and path overhead insertion for DS1, DS3, E1 or E3
based PLCP formats. In addition, alarm insertion, and diagnostic features are
provided.
• Provides an optional 8 kHz reference input for locking the transmit PLCP frame
rate to an externally applied frame reference.
• Provides optional ATM cell scrambling, HCS generation/insertion, programmable
idle/unassigned cell insertion, diagnostics features and accumulates transmitted
cells read from the FIFO.
• Provides a four cell FIFO for rate decoupling between the line, and a higher layer
processing entity. This FIFO may be bypassed to minimize the delay through the
device when processing PCLP frames.
• Provides an asynchronous 8-bit wide FIFO interface for accessing transmit cell
data bytes (available in either 84-pin PLCC or 100-pin PQFP packages).
• Provides a synchronous 8-bit wide FIFO with transmit byte parity checking and
compatible timing with current “UTOPIA” specifications for single PHY and multi-
PHY interfaces (available only in the 100-pin PQFP package).
Bypass and Loopback features:
• Allows bypassing of the DS3 or E3 framer to enable transmission system sublayer
processing by an external device (for example, the PM4341 DS1 Framer/LIU may
be used for DS1-based services, and the PM6341 E1 Framer/LIU may be used
for E1-based services).
• Provides for DS3 or E3 diagnostic loopback, DS3 or E3 line loopback, DS3 or E3
payload loopback, and ATM cell loopback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com