Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 29Page - PMC-Sierra, Inc PM7345 Datasheet HTML 30Page - PMC-Sierra, Inc PM7345 Datasheet HTML 31Page - PMC-Sierra, Inc PM7345 Datasheet HTML 32Page - PMC-Sierra, Inc PM7345 Datasheet HTML 33Page - PMC-Sierra, Inc PM7345 Datasheet HTML 34Page - PMC-Sierra, Inc PM7345 Datasheet HTML 35Page - PMC-Sierra, Inc PM7345 Datasheet HTML 36Page - PMC-Sierra, Inc PM7345 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
ROH
Output
92
3
Receive DS3/E3 Overhead Data (ROH). ROH
contains the overhead bits (C, F, X, P, and M)
extracted from the received DS3 stream; ROH
contains the overhead bytes (FA1, FA2, EM, TR,
MA, NR, and GC) extracted from the received
G.832 E3 stream; ROH contains the overhead bits
(RAI, National Use, Stuff Indication, and Stuff
Opportunity) extracted from the received G.751 E3
stream. ROH is updated on the falling edge of
ROHCLK.
ROHFP
Output
90
1
Receive DS3/E3 Overhead Frame Position
(ROHFP). ROHFP locates the individual overhead
bits in the received overhead data stream, ROH.
ROHFP is high during the X1 overhead bit position
in the ROH stream when processing a DS3 stream.
ROHFP is high during the first bit of the FA1 byte
when processing a G.832 E3 stream. ROHFP is
high during the RAI overhead bit position when
processing a G.751 E3 stream. ROHFP is updated
on the falling edge of ROHCLK.
RPOHCLK
Output
83
81
Receive PLCP Overhead Clock (RPOHCLK).
RPOHCLK is active when PLCP processing is
enabled. The frequency of this signal depends on
the selected PLCP format. RPOHCLK is nominally
a 26.7 kHz clock for a DS1 PLCP frame, a 768 kHz
clock for a DS3 PLCP frame, a 33.7 kHz clock for an
E1 based PLCP frame, or a 576 kHz clock for a
G.751 E3 based PLCP frame. RPOHFP and RPOH
are updated on the falling edge of RPOHCLK.
RPOH
Output
84
82
Receive PLCP Overhead Data (RPOH). RPOH
contains the PLCP path overhead octets (Zn, F1,
B1, G1, M1, M2, and C1) extracted from the
received PLCP frame when the PLCP layer is in-
frame. When the PLCP layer is in the loss of frame
state, RPOH is forced to all ones. The octet data on
RPOH is shifted out in order from the most
significant bit (bit 1) to the least significant bit (bit 8).
RPOH is updated on the falling edge of RPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com