Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc PM7345 Datasheet HTML 54Page - PMC-Sierra, Inc PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc PM7345 Datasheet HTML 57Page - PMC-Sierra, Inc PM7345 Datasheet HTML 58Page - PMC-Sierra, Inc PM7345 Datasheet HTML 59Page - PMC-Sierra, Inc PM7345 Datasheet HTML 60Page - PMC-Sierra, Inc PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
or AIS. When C-Bit parity is selected, the T3-FRMR automatically inserts C-Bit
parity FEBE upon detection of receive C-Bit parity error.
The T3-FRMR extracts the entire DS3 overhead (56 bits per M-frame) using the
ROH output, along with the ROHCLK, and ROHFP outputs.
The T3-FRMR may be configured to generate interrupts on error events or status
changes. All sources of interrupts can be masked or acknowledged via internal
registers. Internal registers are also used to configure the T3-FRMR. Access to
these registers is via a generic microprocessor bus.
9.2
E3 Framer
The E3 Framer (E3-FRMR) Block integrates circuitry required for decoding an
HDB3-encoded signal and framing to the resulting E3 bit stream. The E3-FRMR is
directly compatible with the G.751 and G.832 E3 applications.
The E3-FRMR searches for frame alignment in the incoming serial stream based on
either the G.751 or G.832 formats. Regardless of format selected, the E3-FRMR
expects to see the selected framing pattern error-free for three consecutive frames
before declaring INFRAME. Once the frame alignment is established, the incoming
data is continuously monitored for framing bit errors and byte interleaved parity
errors (in G.832 format).
While in-frame, the E3-FRMR also extracts various overhead bytes and processes
them according to the framing format selected:
• in G.832 E3 format, the E3-FRMR extracts:
- the Trail Trace bytes and outputs them as a serial stream for further
processing by the Trail Trace Buffer (TTB) block;
- the FERF bit and indicates an alarm when the FERF bit is a logic 1 for 3 or 5
consecutive frames. The FERF indication is removed when the FERF bit is a
logic 0 for 3 or 5 consecutive frames;
- the FEBE bit and outputs it for accumulation in PMON;
- the Payload Type bits and buffers them so that they can be read by the
microprocessor;
- the Timing Marker bit and asserts the Timing Marker indication when the value
of the extracted bit has been in the same state for 3 or 5 consecutive frames;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com