Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 80Page - PMC-Sierra, Inc PM7345 Datasheet HTML 81Page - PMC-Sierra, Inc PM7345 Datasheet HTML 82Page - PMC-Sierra, Inc PM7345 Datasheet HTML 83Page - PMC-Sierra, Inc PM7345 Datasheet HTML 84Page - PMC-Sierra, Inc PM7345 Datasheet HTML 85Page - PMC-Sierra, Inc PM7345 Datasheet HTML 86Page - PMC-Sierra, Inc PM7345 Datasheet HTML 87Page - PMC-Sierra, Inc PM7345 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
70
RCLKINV:
The RCLKINV bit provides polarity control for input RCLK. When a logic 0 is
written to RCLKINV, RCLK is not inverted and inputs RPOS/RDAT and
RNEG/ROHM are sampled on the rising edge of RCLK. When a logic 1 is written
to RCLKINV, RCLK is inverted and inputs RPOS/RDAT and RNEG/ROHM are
sampled on the falling edge of RCLK.
DLINV:
The DLINV bit provides polarity control for the DS3 C-bit Parity path maintenance
data link which is located in the 3 C-bits of M-subframe 5. When a logic 1 is
written to DLINV, the path maintenance data link is inverted before being
processed. The rationale behind this bit is as follows: currently ANSI standard
T1.107 specifies that the C-bits (which carry the path maintenance data link) be
set to all zeros while the AIS maintenance signal is transmitted. The data link is
obviously inactive during AIS transmission, and ideally the HDLC idle sequence
(all ones) should be transmitted. By inverting the data link, the all zeros C-bit
pattern becomes an idle sequence and the data link is terminated gracefully.
Although this inversion is currently not specified in ANSI T1.107a, this bit is
provided to safe-guard the S/UNI-PDH in case the inversion is required in the
future.
8KREF:
The 8KREF bit selects the use of an 8 kHz PLCP frame reference signal. When
the 8KREF bit is logic 1, an internal phase-frequency detector compares the
transmit PLCP frame rate with the externally applied 8 kHz reference on the
C13/CADD/8KREF input and adjusts the PLCP frame rate by taking control over
the internal C13/CADD signal passed into the SPLT. When the 8KREF bit is logic
0, the C13/CADD input to the SPLT behaves normally and provides direct control
of the SPLT stuffing.
If the LOOPT register bit is a logic 1 and the 8KREF bit is a logic 1, the RPOHFP
output is used as the 8 kHz PLCP frame reference.
TICLK:
The TICLK bit selects the transmit clock used to update the TPOS/TDAT and
TNEG/TOHM outputs. When a logic 0 is written to TICLK, the buffered version of
the input transmit clock, TCLK, is used to update TPOS/TDAT and TNEG/TOHM
on the edge selected by the TCLKINV bit. When a logic 1 is written to TICLK,
TPOS/TDAT and TNEG/TOHM are updated on the rising edge of TICLK,
eliminating the flow-through TCLK signal. The TICLK bit has no effect if the
LOOPT, LLB or PLB bit is a logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com