Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 4Page - PMC-Sierra, Inc PM7345 Datasheet HTML 5Page - PMC-Sierra, Inc PM7345 Datasheet HTML 6Page - PMC-Sierra, Inc PM7345 Datasheet HTML 7Page - PMC-Sierra, Inc PM7345 Datasheet HTML 8Page - PMC-Sierra, Inc PM7345 Datasheet HTML 9Page - PMC-Sierra, Inc PM7345 Datasheet HTML 10Page - PMC-Sierra, Inc PM7345 Datasheet HTML 11Page - PMC-Sierra, Inc PM7345 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER 2EH: SPLT DIAGNOSTICS AND G1 OCTET.............................. 128
REGISTER 2FH: SPLT F1 OCTET................................................................. 130
REGISTER 30H: CPPM LOSS OF CLOCK METERS.................................... 131
REGISTER 31H: CPPM CHANGE OF CPPM PERFORMANCE METERS ... 132
REGISTER 32H: CPPM B1 ERROR COUNT LSB......................................... 133
REGISTER 33H: CPPM B1 ERROR COUNT MSB........................................ 134
REGISTER 34H: CPPM FRAMING ERROR EVENT COUNT LSB................ 135
REGISTER 35H: CPPM FRAMING ERROR EVENT COUNT MSB................ 136
REGISTER 36H: CPPM FEBE COUNT LSB ................................................. 137
REGISTER 37H: CPPM FEBE COUNT MSB ................................................ 138
REGISTER 38H: CPPM HCS ERROR COUNT LSB ..................................... 139
REGISTER 39H: CPPM HCS ERROR COUNT MSB .................................... 140
REGISTER 3AH: CPPM IDLE/UNASSIGNED CELL COUNT LSB................ 142
REGISTER 3BH: CPPM IDLE/UNASSIGNED CELL COUNT MSB ............... 143
REGISTER 3CH: CPPM RECEIVE CELL COUNT LSB................................. 144
REGISTER 3DH: CPPM RECEIVE CELL COUNT MSB................................ 145
REGISTER 3EH: CPPM TRANSMIT CELL COUNT LSB .............................. 146
REGISTER 3FH: CPPM TRANSMIT CELL COUNT MSB.............................. 147
REGISTER 40H: RXCP CONTROL ................................................................ 148
REGISTER 41H: RXCP FRAMING CONTROL............................................... 150
REGISTER 42H: RXCP INTERRUPT ENABLE/STATUS ................................ 152
REGISTER 43H: RXCP IDLE/UNASSIGNED CELL PATTERN: H1 OCTET ... 154
REGISTER 44H: RXCP IDLE/UNASSIGNED CELL PATTERN: H2 OCTET ... 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com