Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 60Page - PMC-Sierra, Inc PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc PM7345 Datasheet HTML 62Page - PMC-Sierra, Inc PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc PM7345 Datasheet HTML 64Page - PMC-Sierra, Inc PM7345 Datasheet HTML 65Page - PMC-Sierra, Inc PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
50
PLCP 'Null cell' (Idle cell) slots are identified by the standardized header pattern of
'B0xxxxxx, 'H00, 'H00, 'H00 in the first 4 octets followed by the valid HCS octet. The
7 “don’t care” x bits of the first byte of the header are handled by leaving these bits
cleared in the appropriate header Idle/Unassigned Cell Mask register.
While the cell delineation state machine is in the SYNC state, the HCS verification
circuit implements the state machine shown in "Figure 4 HCS Verification State
Diagram."
In normal operation, the HCS verification state machine remains in the 'Correction'
state. Incoming cells containing no HCS errors are passed to the receive FIFO.
Incoming single-bit errors are corrected, and the resulting cell is passed to the FIFO.
Upon detection of a single-bit error or a multi-bit error, the state machine transitions
to the 'Detection' state.
A programmable hysteresis is provided when dropping cells based on HCS errors.
When a cell with an HCS error is detected, the RXCP can be programmed to
continue to discard cells until m (where m = 1, 2, 4, 8) cells are received with correct
HCS. The value of m is selected by writing the DETHYST[1:0] bits located in the
RXCP Framing control register (0x41H). The mth cell is not discarded (see figure
4). Note that the dropping of cells due to HCS errors only occurs while the ATMF is
in the SYNC state (for non-PLCP based transmission systems), or while the SPLR is
in the in-frame state (for PLCP based transmission systems).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com