Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 24Page - PMC-Sierra, Inc PM7345 Datasheet HTML 25Page - PMC-Sierra, Inc PM7345 Datasheet HTML 26Page - PMC-Sierra, Inc PM7345 Datasheet HTML 27Page - PMC-Sierra, Inc PM7345 Datasheet HTML 28Page - PMC-Sierra, Inc PM7345 Datasheet HTML 29Page - PMC-Sierra, Inc PM7345 Datasheet HTML 30Page - PMC-Sierra, Inc PM7345 Datasheet HTML 31Page - PMC-Sierra, Inc PM7345 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
14
detection of a HCS error. The ATM cell payloads are optionally descrambled.
Assigned cells containing no detectable HCS errors are written to a FIFO buffer.
Cells are read from the FIFO using an asynchronous 8-bit wide datapath interface or
a synchronous 9-bit wide datapath, depending upon the packaging option selected.
Counts of error-free assigned cells, and cells containing HCS errors are
accumulated independently for performance monitoring purposes.
In the cell transmit path, cells are written to a FIFO buffer using an asynchronous 8-
bit wide datapath interface or a synchronous 9-bit wide datapath interface,
depending upon the packaging option selected. Idle/unassigned cells are
automatically inserted when the FIFO contains less than one full cell. HCS
generation, and cell payload scrambling are optionally provided.
Both receive and transmit cell FIFOs provide buffering for four cells. The FIFOs
provide the rate matching interface between the higher layer ATM entity and the
S/UNI-PDH.
The S/UNI-PDH is configured, controlled and monitored via a generic 8-bit
microprocessor bus through which all internal registers are accessed. All sources of
interrupts can be identified, acknowledged, or masked via this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com