Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 40Page - PMC-Sierra, Inc PM7345 Datasheet HTML 41Page - PMC-Sierra, Inc PM7345 Datasheet HTML 42Page - PMC-Sierra, Inc PM7345 Datasheet HTML 43Page - PMC-Sierra, Inc PM7345 Datasheet HTML 44Page - PMC-Sierra, Inc PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
FWDATA[7]
FWDATA[6]
FWDATA[5]
FWDATA[4]
FWDATA[3]
FWDATA[2]
FWDATA[1]
FWDATA[0]
Input
Input
Input
Input
Input
Input
Input
Input
79
78
77
76
74
73
72
71
78
77
76
75
74
73
72
71
Transmit FIFO Data (FWDATA[7:0]). FWDATA[7:0]
contains the cell octet that is written to the transmit
FIFO. In the asynchronous FIFO interface (in the
84-pin PLCC package or in the 100-pin PQFP
package when SYFIFOB is tied to logic 1),
FWDATA[7:0] is sampled on the rising edge of
FWRB. In the synchronous FIFO interface (i.e. 100-
pin package with SYFIFOB tied to logic 0),
FWDATA[7:0] is sampled on the rising edge of
TFCLK when TWRENB is logic 0.
FWDATA[7:0] is sampled on the rising edge of
FWCLK when the transmit FIFO is bypassed.
TXPRTY
Input
86
n/a
Transmit FIFO Write Data Parity (TXPRTY).
TXPRTY is only available in the 100-pin PQFP
package. TXPRTY indicates the parity of the byte
input on the FWDATA[7:0] bus. Even or Odd parity
is computed over the FWDATA[7:0] bus, depending
upon the TEVEN register bit setting, and compared
to the value input on TXPRTY. If TEVEN is logic 1,
even parity is calculated and compared; if TEVEN is
logic 0, odd parity is calculated. By default,
TXPRTY is expected to indicate odd parity. When
using the synchronous FIFO (when SYFIFOB is tied
to logic 0), TXPRTY is sampled on the rising edge
of TFCLK when TWRENB is asserted. When using
the asynchronous FIFO (when SYFIFOB is tied to
logic 1), TXPRTY is sampled on the rising edge of
FWRB. If the computed parity does not match the
value on TXPRTY, a parity error is flagged and an
interrupt generated, if enable. TXPRTY contains an
integral pull-up resistor.
TICLK
Input
28
35
Transmit Input Clock (TICLK). TICLK provides the
transmit direction timing. TICLK is the externally
generated transmission system baud rate clock; it is
internally buffered to produce the transmit clock
output, TCLK, and can be enabled to update the
TPOS/TDAT and TNEG/TOHM outputs on the
TICLK rising edge. The TICLK maximum frequency
is 52 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com