Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
The SPLT block generates a stuff length pattern of 18, 19 or 20 octets determined
by the phase alignment of the start of the G.751 E3 frame and the start of the E3
PLCP frame. The stuff length may be incremented or decremented by one
depending on the value of the C13/CADD input.
The C13/CADD input can be provisioned to loop time the PLCP transmit frame to an
externally applied 8 kHz reference.
The Zn, growth octets are set to 00H. The Zn octets may be inserted from an
external device via the path overhead stream input, TPOH.
9.16 TXCP Transmit Cell Processor
The Transmit Cell Processor (TXCP) Block integrates circuitry to support ATM cell
payload scrambling, header check sequence (HCS) generation, and idle/unassigned
cell generation.
The TXCP scrambles the cell payload field using the self synchronizing scrambler
with polynomial x43 + 1. The header portion of the cells is not scrambled. Note that
cell payload scrambling is optional in the S/UNI-PDH, and is required by ITU-T
Recommendation I.432. The ATM Forum DS3 UNI specification requires that cell
payloads are unscrambled for the DS3 physical layer interface (however discussions
are ongoing to make scrambling a requirement in the future).
The HCS is generated using the polynomial, x8 + x2 + x + 1. The coset polynomial
x6 + x4 + x2 + 1 is added (modulo 2) to the calculated HCS octet as required by the
ATM Forum UNI specification, and ITU-T Recommendation I.432. The resultant
octet optionally overwrites the HCS octet in the transmit cell. When the transmit
FIFO is empty, the TXCP inserts idle/unassigned cells. The idle/unassigned cell
header is fully programmable using five internal registers. Similarly, the 48 octet
information field is programmed with an 8 bit repeating pattern using an internal
register.
9.17 TXFF Transmit FIFO
The Transmit FIFO (TXFF) provides FIFO management and the S/UNI-PDH
transmit cell interface. The transmit FIFO contains four cells. The FIFO depth may
be programmed to four, three, two, or one cells. The FIFO provides the cell rate
decoupling function between the transmission system physical layer and the ATM
layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com