Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc PM7345 Datasheet HTML 54Page - PMC-Sierra, Inc PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
INTB
Output
96
7
Interrupt (INTB). The active low interrupt is
activated when an unmasked interrupt is detected
on any of the internal interrupt sources. The INTB
signal is removed when the interrupt is
acknowledged by reading the associated interrupt
status register. The INTB output is open drain.
CSB
Input
98
9
Chip Select (CSB). The active low chip select is
low to enable S/UNI-PDH register accesses. If CSB
is not required (i.e., register accesses are controlled
using the RDB and WRB signals only), CSB must
be connected to an inverted version of the RSTB
input.
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
20
19
18
17
10
9
8
7
28
27
26
25
20
19
18
17
Bidirectional Data Bus (D[7:0]). D[7:0] is used
during S/UNI-PDH read and write accesses.
RDB
Input
100
11
Read Enable (RDB). The active low read enable is
pulsed low to enable a S/UNI-PDH register read
access. The S/UNI-PDH drives the D[7:0] bus with
the contents of the addressed register while RDB
and CSB are both low.
WRB
Input
99
10
Write Strobe (WRB). The active low write strobe is
pulsed low to enable a S/UNI-PDH register write
access. The D[7:0] bus contents are clocked into
the addressed normal mode register on the rising
edge of WRB while CSB is low.
ALE
Input
2
12
Address Latch Enable (ALE). The address latch
enable latches the address bus, A[7:0], when logic
0. When ALE is logic 1, the address latches are
transparent. ALE contains an integral pullup
resistor.
RSTB
Input
97
8
Reset (RSTB). The active low schmitt triggered
reset asynchronously resets the S/UNI-PDH. RSTB
contains an integral pullup resistor. A minimum
assertion interval of 100 nsec is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com