Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 3Page - PMC-Sierra, Inc PM7345 Datasheet HTML 4Page - PMC-Sierra, Inc PM7345 Datasheet HTML 5Page - PMC-Sierra, Inc PM7345 Datasheet HTML 6Page - PMC-Sierra, Inc PM7345 Datasheet HTML 7Page - PMC-Sierra, Inc PM7345 Datasheet HTML 8Page - PMC-Sierra, Inc PM7345 Datasheet HTML 9Page - PMC-Sierra, Inc PM7345 Datasheet HTML 10Page - PMC-Sierra, Inc PM7345 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
v
REGISTER 16H: PMON FRAMING BIT ERROR EVENT COUNT LSB........... 97
REGISTER 17H: PMON FRAMING BIT ERROR EVENT COUNT MSB.......... 98
REGISTER 18H: PMON SUMMED EXCESSIVE ZERO DETECT AND
INCOMING ERROR COUNT LSB .......................................................... 99
REGISTER 19H: PMON SUMMED EXCESSIVE ZERO DETECT AND
INCOMING ERROR COUNT MSB ....................................................... 100
REGISTER 1AH: PMON PARITY ERROR EVENT COUNT LSB................... 101
REGISTER 1BH: PMON PARITY ERROR EVENT COUNT MSB .................. 102
REGISTER 1CH: PMON PATH PARITY ERROR EVENT COUNT LSB ......... 103
REGISTER 1DH: PMON PATH PARITY ERROR EVENT COUNT MSB ........ 104
REGISTER 1EH: PMON FEBE EVENT COUNT LSB.................................... 105
REGISTER 1FH: PMON FEBE EVENT COUNT MSB ................................... 106
REGISTER 20H: DS3 TRAN CONFIGURATION............................................ 107
REGISTER 21H: DS3 TRAN DIAGNOSTIC ................................................... 109
REGISTER 24H: XFDL CONFIGURATION ..................................................... 111
REGISTER 25H: XFDL INTERRUPT STATUS ................................................ 113
REGISTER 26H: XFDL TRANSMIT DATA ....................................................... 114
REGISTER 27H: XBOC CODE ....................................................................... 115
REGISTER 28H: SPLR CONFIGURATION.................................................... 116
REGISTER 29H: SPLR INTERRUPT ENABLE.............................................. 118
REGISTER 2AH: SPLR INTERRUPT STATUS .............................................. 119
REGISTER 2BH: SPLR STATUS.................................................................... 121
REGISTER 2CH: SPLT CONFIGURATION .................................................... 123
REGISTER 2DH: SPLT CONTROL ................................................................ 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com