Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc PM7345 Datasheet HTML 54Page - PMC-Sierra, Inc PM7345 Datasheet HTML 55Page - PMC-Sierra, Inc PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc PM7345 Datasheet HTML 57Page - PMC-Sierra, Inc PM7345 Datasheet HTML 58Page - PMC-Sierra, Inc PM7345 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
9
FUNCTIONAL DESCRIPTION
9.1
DS3 Framer
The DS3 Framer (T3-FRMR) Block integrates circuitry required for decoding a
B3ZS-encoded signal and framing to the resulting DS3 bit stream. The T3-FRMR is
directly compatible with the M23 and C-bit parity DS3 applications.
The T3-FRMR decodes a B3ZS-encoded signal and provides indications of line
code violations. The B3ZS decoding algorithm and the LCV definition can be
independently chosen through software. A loss of signal (LOS) defect is also
detected for B3ZS encoded streams. LOS is declared when inputs RPOS and
RNEG contain zeros for 175 consecutive RCLK cycles. LOS is removed when the
ones density on RPOS and/or RNEG is greater than 33% for 175 ±1 RCLK cycles.
The framing algorithm examines five F-bit candidates simultaneously. When at least
one discrepancy has occurred in each candidate, the algorithm examines the next
set of five candidates. When a single F-bit candidate remains in a set, the first bit in
the supposed M-subframe is examined for the M-frame alignment signal (i.e., the M-
bits, M1, M2, and M3 are following the 010 pattern). Framing is declared, and out-
of-frame is removed, if the M-bits are correct for three consecutive M-frames while
no discrepancies have occurred in the F-bits. During the examination of the M-bits,
the X-bits and P-bits are ignored. The algorithm gives a maximum average reframe
time of 1.5 ms.
While the T3-FRMR is synchronized to the DS3 M-frame, the F-bit and M-bit
positions in the DS3 stream are examined. An out-of-frame defect is detected when
3 F-bit errors out of 8 or 16 consecutive F-bits are observed (as selected by the
M3O8 bit in the DS3 FRMR Configuration Register), or when one or more M-bit
errors are detected in 3 out of 4 consecutive M-frames. The M-bit error criteria for
OOF can be disabled by the MBDIS bit in the DS3 Framer Configuration register.
The 3 out of 8 consecutive F-bits out-of-frame ratio provides more robust operation,
in the presence of a high bit error rate, than the 3 out of 16 consecutive F-bits ratio.
Either out-of-frame criteria allows an out-of-frame defect to be detected quickly
when the M-subframe alignment patterns or, optionally, when the M-frame alignment
pattern is lost.
Also while in-frame, line code violations, M-bit or F-bit framing bit errors, and P-bit
parity errors are indicated. When C-bit parity mode is enabled, both C-bit parity
errors and far end block errors are indicated. These error indications, as well as the
line code violation and excessive zeros indication, are accumulated over 1 second
intervals with the Performance Monitor (PMON). Note that the framer is an off-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com