Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 56Page - PMC-Sierra, Inc PM7345 Datasheet HTML 57Page - PMC-Sierra, Inc PM7345 Datasheet HTML 58Page - PMC-Sierra, Inc PM7345 Datasheet HTML 59Page - PMC-Sierra, Inc PM7345 Datasheet HTML 60Page - PMC-Sierra, Inc PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc PM7345 Datasheet HTML 62Page - PMC-Sierra, Inc PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc PM7345 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
46
The Bit-Oriented Code Detector (RBOC) Block detects the presence of 63 of the 64
possible bit-oriented codes (BOCs) contained in the C-bit parity far-end alarm and
control (FEAC) channel. The 64th code ("111111") is similar to the HDLC flag
sequence and is ignored.
Bit-oriented codes (BOCs) are received on the FEAC channel as 16-bit sequences
each consisting of 8 ones, a zero, 6 code bits, and a trailing zero
("111111110xxxxxx0"). BOCs are validated when repeated at least 10 times. The
RBOC can be enabled to declare a code valid if it has been observed for 8 out of 10
times or for 4 out of 5 times, as specified by the AVC bit in the RBOC
Configuration/Interrupt Enable Register. The RBOC declares that the code is
removed if two code sequences containing code values different from the detected
code are received in a moving window of ten code periods.
Valid BOCs are indicated through the RBOC Interrupt Status Register. The BOC
bits are set to all ones ("111111") when no valid code is detected. The RBOC can
be programmed to generate an interrupt when a detected code has been validated
and when the code is removed.
9.5
RFDL Facility Data Link Receiver
The Facility Data Link Receiver (RFDL) Block is a microprocessor peripheral used to
receive LAPD/HDLC frames on the DS3 C-bit parity Path Maintenance Data Link, on
the E3 G.832 Network Requirement byte or the General Purpose data link
(selectable using the RNETOP bit in the S/UNI-PDH Data Link and FERF Control
register), or on the G.751 Network Use bit.
The RFDL detects the change from flag characters to the first byte of data, removes
stuffed zeros on the incoming data stream, receives frame data, and calculates the
CRC-CCITT frame check sequence (FCS).
Received data is placed into a 4-byte FIFO buffer. The RFDL Status Register
contains bits which indicate overrun, end of message, flag detected, and buffered
data available.
On end of message, the RFDL Status Register also indicates the FCS status and
the number of valid bits in the final data byte. Interrupts are generated when one,
two or three (programmable count) bytes are stored in the FIFO buffer. Interrupts
are also generated when the terminating flag sequence, abort sequence, or FIFO
buffer overrun are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com