Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 41Page - PMC-Sierra, Inc PM7345 Datasheet HTML 42Page - PMC-Sierra, Inc PM7345 Datasheet HTML 43Page - PMC-Sierra, Inc PM7345 Datasheet HTML 44Page - PMC-Sierra, Inc PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
TIOHM
Input
27
34
Transmit Input Overhead Mask (TIOHM). TIOHM
indicates the position of overhead bits in the
transmission system stream, TDAT. TIOHM is
delayed internally to produce the TOHM output.
When configured for operation over a DS1, a DS3,
an E1, or an E3 transmission system sublayer,
TIOHM is not required, and should be set to logic 0.
When configured for other transmission systems,
TIOHM is set to logic 1 for each overhead bit
position. TIOHM is set to logic 0 if the transmission
system contains no overhead bits. TIOHM is
sampled on the rising edge of TICLK.
TCLK
Output
30
37
Transmit Output Clock (TCLK). TCLK provides
the transmit direction timing. TCLK is a buffered
version of TICLK and can be enabled to update the
TPOS/TDAT and TNEG/TOHM outputs on its rising
or falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com