Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 44Page - PMC-Sierra, Inc PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
34
TOHCLK
Output
33
40
Transmit Overhead Clock (TOHCLK). TOHCLK is
active when a DS3 or E3 stream is being
processed. TOHCLK is nominally a 526 kHz clock
for DS3, is nominally a 1.072 MHz clock for G.832
E3, and is nominally a 1.074 MHz clock for G.751
E3. TOHFP is updated on the falling edge of
TOHCLK. TOH, and TOHINS are sampled on the
rising edge of TOHCLK.
TOH
Input
41
45
Transmit DS3/E3 Overhead Data (TOH). TOH
contains the overhead bits (C, F, X, P, and M) that
may be inserted in the transmit DS3 stream; TOH
contains the overhead bytes (FA1, FA2, EM mask,
TR, MA, NR, and GC) that may be inserted in the
transmit G.832 E3 stream; TOH contains the
overhead bits (RAI, National Use, Stuff Indication,
and Stuff Opportunity) that may be inserted in the
transmit G.751 E3 stream. TOH is sampled on the
rising edge of TOHCLK.
TOHFP
Output
34
41
Transmit DS3/E3 Overhead Frame Position
(TOHFP). TOHFP is used to align the individual
overhead bits in the transmit overhead data stream,
TOH, to the DS3 M-frame or the E3 frame. For
DS3, TOHFP is high during the X1 overhead bit
position in the TOH stream. For G.832 E3, TOHFP
is high during the first bit of the FA1 byte. For G.751
E3, TOHFP is high during the RAI overhead bit
position in the TOH stream. TOHFP is updated on
the falling edge of TOHCLK.
TOHINS
Input
39
44
Transmit DS3/E3 Overhead Insertion (TOHINS).
TOHINS controls the insertion of the DS3 or E3
overhead bits from the TOH input. When TOHINS is
high, the associated overhead bit in the TOH stream
is inserted in the transmitted DS3 or E3 frame.
When TOHINS is low, the DS3 or E3 overhead bit is
generated and inserted internally. TOHINS is
sampled on the rising edge of TOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com