Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc PM7345 Datasheet HTML 77Page - PMC-Sierra, Inc PM7345 Datasheet HTML 78Page - PMC-Sierra, Inc PM7345 Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
61
27H
XBOC Code
28H
SPLR Configuration
29H
SPLR Interrupt Enable
2AH
SPLR Interrupt Status
2BH
SPLR Status
2CH
SPLT Configuration
2DH
SPLT Control
2EH
SPLT Diagnostics and G1 Octet
2FH
SPLT F1 Octet
30H
CPPM Loss of Clock Meters
31H
CPPM Change of CPPM Performance Meter
32H
CPPM B1 Error Count LSB
33H
CPPM B1 Error Count MSB
34H
CPPM Framing Error Event Count LSB
35H
CPPM Framing Error Event Count MSB
36H
CPPM FEBE Count LSB
37H
CPPM FEBE Count MSB
38H
CPPM HCS Error Count LSB
39H
CPPM HCS Error Count MSB
3AH
CPPM Idle/Unassigned Cell Count LSB
3BH
CPPM Idle/Unassigned Cell Count MSB
3CH
CPPM Receive Cell Count LSB
3DH
CPPM Receive Cell Count MSB
3EH
CPPM Transmit Cell Count LSB
3FH
CPPM Transmit Cell Count MSB
40H
RXCP Control
41H
RXCP Framing Control
42H
RXCP Interrupt Enable/Status
43H
RXCP Idle/Unassigned Cell Pattern: H1 octet
44H
RXCP Idle/Unassigned Cell Pattern: H2 octet
45H
RXCP Idle/Unassigned Cell Pattern: H3 octet
46H
RXCP Idle/Unassigned Cell Pattern: H4 octet
47H
RXCP Idle/Unassigned Cell Mask: H1 octet
48H
RXCP Idle/Unassigned Cell Mask: H2 octet
49H
RXCP Idle/Unassigned Cell Mask: H3 octet
4AH
RXCP Idle/Unassigned Cell Mask: H4 octet
4BH
RXCP User-Programmable Cell Pattern: H1 octet
4CH
RXCP User-Programmable Cell Pattern: H2 octet
4DH
RXCP User-Programmable Cell Pattern: H3 octet
4EH
RXCP User-Programmable Cell Pattern: H4 octet
4FH
RXCP User-Programmable Cell Mask: H1 octet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com