Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 61Page - PMC-Sierra, Inc PM7345 Datasheet HTML 62Page - PMC-Sierra, Inc PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc PM7345 Datasheet HTML 64Page - PMC-Sierra, Inc PM7345 Datasheet HTML 65Page - PMC-Sierra, Inc PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
51
Figure 4
- HCS Verification State Diagram
Detection
ATM DELINEATION
SYNC STATE
Correction
No HCS Errors Detected in M
Consecutive Cells
(M'th Cell Accepted)
HCS Multi-bit Error Detected
(Cell discarded)
Cell
Discarded
Cell
Accepted
ALPHA
consecutive
incorrect HCS's
(To HUNT state)
DELTA
consecutive
correct HCS's
(From PRESYNC
state)
HCS Single-bit
Error Detected
(Error corrected
& cell accepted)
9.9
RXFF Receive FIFO
The Receive FIFO (RXFF) provides FIFO management and the S/UNI-PDH receive
cell interface. The receive FIFO contains four cells. The FIFO provides the cell rate
decoupling function between the transmission system physical layer and the ATM
layer.
In general, the management functions include filling the receive FIFO, indicating
when the receive FIFO contains cells, maintaining the receive FIFO read and write
pointers, and detecting FIFO overrun and underrun conditions.
When using the asynchronous FIFO interface (in the 84-pin PLCC, or in the 100-pin
PQFP when SYFIFOB is tied high), the FIFO is automatically reset upon detection
of an overrun or underrun condition. Up to four cells may be lost during the FIFO
reset operation. FIFO overruns and underruns are indicated via a maskable
interrupt and register bits. This asynchronous interface also indicates the FIFO
status (RFIFOE), the start of cell (RSOC), the end of the cell header (REOH), and
the end of the cell (REOC) when data is read from the receive FIFO using FRDB.
The FIFO status changes from empty to full on write cell boundaries with timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com