Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 42Page - PMC-Sierra, Inc PM7345 Datasheet HTML 43Page - PMC-Sierra, Inc PM7345 Datasheet HTML 44Page - PMC-Sierra, Inc PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
32
TPOS/
TDAT
Output
31
38
Transmit Positive Pulse (TPOS). TPOS contains
the positive pulses transmitted on the B3ZS-
encoded DS3, or HDB3-encoded E3, transmission
system when the dual-rail NRZ output format is
selected. TPOS contains the entire stream when
the single-rail (unipolar) NRZ input format is
enabled. The dual-rail/single-rail selection is
controlled by the TUNI bit in the S/UNI-PDH Control
Register.
Transmit Data (TDAT). TDAT contains the transmit
transmission system stream when a non-DS3/E3
based transmission system is processed (for
example TDAT may contain a DS1 or E1 stream).
The TPOS/TDAT pin function selection is controlled
by the FRMRBP bit in the S/UNI-PDH Configuration
Register. Both TPOS and TDAT are updated on the
falling edge of TCLK by default, and may be
enabled to be updated on the rising edge of TCLK.
This sampling is controlled by the TCLKINV bit in
the S/UNI-PDH Control Register. In addition, output
signal polarity control is provided by the TPNINV bit
in the S/UNI-PDH Control Register. Finally, both
TPOS and TDAT can be updated on the rising edge
of TICLK, enabled by the TICLK bit in the S/UNI-
PDH Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com