Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 79Page - PMC-Sierra, Inc PM7345 Datasheet HTML 80Page - PMC-Sierra, Inc PM7345 Datasheet HTML 81Page - PMC-Sierra, Inc PM7345 Datasheet HTML 82Page - PMC-Sierra, Inc PM7345 Datasheet HTML 83Page - PMC-Sierra, Inc PM7345 Datasheet HTML 84Page - PMC-Sierra, Inc PM7345 Datasheet HTML 85Page - PMC-Sierra, Inc PM7345 Datasheet HTML 86Page - PMC-Sierra, Inc PM7345 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
Register 03H: S/UNI-PDH Control
Bit
Type
Function
Default
Bit 7
R/W
TICLK
0
Bit 6
R/W
8KREF
0
Bit 5
R/W
DLINV
0
Bit 4
R/W
RCLKINV
0
Bit 3
R/W
RPNINV
0
Bit 2
R/W
TUNI
0
Bit 1
R/W
TCLKINV
0
Bit 0
R/W
TPNINV
0
TPNINV:
The TPNINV bit provides polarity control for outputs TPOS/TDAT and
TNEG/TOHM. When a logic 0 is written to TPNINV, the outputs are not inverted.
When a logic 1 is written to TPNINV, the outputs are inverted. The TPNINV bit
setting does not affect the loopback data in diagnostic loopback.
TCLKINV:
The TCLKINV bit provides polarity control for output TCLK. When a logic 0 is
written to TCLKINV, TCLK is not inverted and outputs TPOS/TDAT and
TNEG/TOHM are updated on the falling edge of TCLK. When a logic 1 is written
to TCLKINV, TCLK is inverted and outputs TPOS/TDAT and TNEG/TOHM are
updated on the rising edge of TCLK.
TUNI:
The TUNI bit enables the S/UNI-PDH to transmit unipolar or bipolar DS3 or E3
data streams. When a logic 1 is written to TUNI, the S/UNI-PDH transmits
unipolar DS3 or E3 data on TPOS/TDAT. When TUNI is logic 1, the TNEG/TOHP
output indicates the start of the DS3 M-Frame (the X1 bit) or the start of the E3
frame (bit 1 of the frame). When a logic 0 is written to TUNI, the S/UNI-PDH
transmits B3ZS-encoded DS3 data or HDB3-encoded E3 data on TPOS/TDAT
and TNEG/TOHM.
RPNINV:
The RPNINV bit provides polarity control for inputs RPOS/RDAT and
RNEG/ROHM. When a logic 0 is written to RPNINV, the inputs are not inverted.
When a logic 1 is written to RPNINV, the inputs are inverted. The RPNINV bit
setting does not affect the loopback data in diagnostic loopback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com