Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc PM7345 Datasheet HTML 77Page - PMC-Sierra, Inc PM7345 Datasheet HTML 78Page - PMC-Sierra, Inc PM7345 Datasheet HTML 79Page - PMC-Sierra, Inc PM7345 Datasheet HTML 80Page - PMC-Sierra, Inc PM7345 Datasheet HTML 81Page - PMC-Sierra, Inc PM7345 Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
64
Register 00H: S/UNI-PDH Configuration
Bit
Type
Function
Default
Bit 7
R/W
LLB
0
Bit 6
R/W
E3ENBL
0
Bit 5
R/W
FIFOBP
0
Bit 4
R/W
LOOPT
0
Bit 3
R/W
FRMRBP
0
Bit 2
R/W
DLB
0
Bit 1
R/W
PLB
0
Bit 0
R/W
CLB
0
CLB:
The CLB bit controls the cell loopback. When a logic 0 is written to CLB, cell
loopback is disabled. When a logic 1 is written to CLB, cell loopback is enabled.
While cell loopback is enabled, cells received by the S/UNI-PDH are written into
the transmit FIFO. These cells also continue to be written to the receive FIFO.
This bit must be used in conjunction with the LOOPT bit, otherwise transmit FIFO
overflow may occur.
PLB:
The PLB bit controls the DS3 (or E3, if E3ENBL is logic 1) payload loopback.
When a logic 0 is written to PLB, DS3 (or E3, if enabled) payload loopback is
disabled. When a logic 1 is written to PLB, the DS3 (or E3, if enabled) overhead
bits are regenerated and inserted into the received DS3 (or E3) stream and the
resulting stream is transmitted. Setting the PLB bit disables the effect of the
TICLK bit in the S/UNI-PDH Control register, thereby forcing flow-through timing.
DLB:
The DLB bit controls the diagnostic loopback. When a logic 0 is written to DLB,
diagnostic loopback is disabled. When a logic 1 is written to DLB, the transmit
data stream is looped in the receive direction. Depending on the S/UNI-PDH
configuration, the loopback includes the DS3 or E3 framer (FRMR), the PLCP
framer (SPLR), or the ATM Cell Delineator (ATMF). The DLB should not be set to
a logic 1 when either the CLB, PLB or LLB bit is a logic 1. The DLB mode is not
available when the S/UNI-PDH is used for E1 ATM direct-mapped applications.
FRMRBP:
The FRMRBP bit controls the bypassing of the internal DS3 or E3 framer. When
a logic 0 is written to FRMRBP, the DS3 or E3 framer is activated, as selected by
the E3ENBL bit. The S/UNI-PDH then receives and transmits an appropriately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com