Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 43Page - PMC-Sierra, Inc PM7345 Datasheet HTML 44Page - PMC-Sierra, Inc PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
TNEG/
TOHM
Output
32
39
Transmit Negative Pulse (TNEG). TNEG contains
the negative pulses transmitted on the B3ZS-
encoded DS3, or HDB3-encoded E3, transmission
system when the dual-rail NRZ output format is
selected. TNEG indicates the location of the M-
frame boundary for DS3, and indicates the position
of the frame boundary for E3, when the single-rail
(unipolar) NRZ input format is enabled. The dual-
rail/single-rail selection is controlled by the TUNI bit
in the S/UNI-PDH Control Register.
Transmit Overhead Mask (TOHM). TOHM
indicates the position of overhead bits (non-payload
bits) in the transmit transmission system stream,
TDAT. When an internally masked signal is
transmitted (the EXT bit in the SPLT is cleared),
TOHM indicates the frame alignment bit positions
based on the internal time slot counter
synchronized by a TIOHM pulse. When an
externally masked signal is transmitted (the EXT bit
in the SPLT is set), TOHM is a delayed version of
the TIOHM input, and indicates the position of each
overhead bit in the transmission frame.
The TNEG/TOHM pin function selection is controlled
by the FRMRBP bit in the S/UNI-PDH Configuration
Register. Both TNEG and TOHM are updated on
the falling edge of TCLK by default and may be
enabled to be updated on the rising edge of TCLK.
This is controlled by the TCLKINV bit in the S/UNI-
PDH Control Register. In addition, output signal
polarity control is provided by the TPNINV bit in the
S/UNI-PDH Control Register. Finally, both TNEG
and TOHM can be updated on the rising edge of
TICLK, enabled by the TICLK bit in the S/UNI-PDH
Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com