Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 88Page - PMC-Sierra, Inc PM7345 Datasheet HTML 89Page - PMC-Sierra, Inc PM7345 Datasheet HTML 90Page - PMC-Sierra, Inc PM7345 Datasheet HTML 91Page - PMC-Sierra, Inc PM7345 Datasheet HTML 92Page - PMC-Sierra, Inc PM7345 Datasheet HTML 93Page - PMC-Sierra, Inc PM7345 Datasheet HTML 94Page - PMC-Sierra, Inc PM7345 Datasheet HTML 95Page - PMC-Sierra, Inc PM7345 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
78
M3O8:
The M3O8 bit controls the DS3 out of frame decision criteria. When a logic 1 is
written to M3O8, DS3 out of frame is declared when 3 of 8 framing bits (F-bits)
are in error. When a logic 0 is written to M3O8, the 3 of 16 framing bits in error
criteria is used, as recommended in ANSI T1.107
MBDIS:
The MBDIS bit disables the use of M-bit errors as a criteria for losing frame
alignment. When MBDIS is set to logic 1, M-bit errors are disabled from causing
an OOF; the loss of frame criteria is based solely on the number of F-bit errors
selected by the M3O8 bit. When MBDIS is set to logic 0, errors in either M-bits or
F-bits are enabled to cause an OOF. When MBDIS is logic 0, an OOF can occur
when one or more M-bit errors occur in 3 out of 4 consecutive M-frames, or when
the F-bit error ratio selected by the M3O8 bit is exceeded.
FDET:
The FDET bit selects the fast detection timing for AIS, IDLE and RED. When
FDET is set to logic 1, the AIS, IDLE, and RED detection time is 2.23 ms; when
FDET is set to logic 0, the detection time is 13.5 ms.
AISPAT:
The AISPAT bit controls the pattern used to detect the alarm indication signal
(AIS). When a logic 1 is written to AISPAT, the AIS detection algorithm checks
that a framed DS3 signal containing the repeating pattern 1010... is present. The
C-bits are checked for the value specified by the AISC bit setting. When a logic 0
is written to AISPAT, the AIS detection algorithm is determined solely by the
settings of AISC and AISONES register bits (see bit mapping table in the
Additional Configuration Register description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com