Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 28Page - PMC-Sierra, Inc PM7345 Datasheet HTML 29Page - PMC-Sierra, Inc PM7345 Datasheet HTML 30Page - PMC-Sierra, Inc PM7345 Datasheet HTML 31Page - PMC-Sierra, Inc PM7345 Datasheet HTML 32Page - PMC-Sierra, Inc PM7345 Datasheet HTML 33Page - PMC-Sierra, Inc PM7345 Datasheet HTML 34Page - PMC-Sierra, Inc PM7345 Datasheet HTML 35Page - PMC-Sierra, Inc PM7345 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
RNEG/
ROHM
Input
93
4
Receive Negative Pulse (RNEG). RNEG contains
the negative pulses received on the B3ZS encoded
DS3, or the HDB3-encoded E3, transmission
system when the dual-rail NRZ input format is
selected. RNEG contains line code violation
indications when the single-rail (unipolar) NRZ input
format is enabled. Each line code violation is
represented by an RCLK period-wide pulse. The
dual-rail/single-rail selection is controlled by the UNI
bit in the DS3 FRMR or E3 FRMR Configuration
Registers.
Receive Overhead Mask (ROHM). ROHM
indicates the position of overhead bits in the non-
DS3/E3 based transmission system stream, RDAT.
When a PLCP formatted signal is received, ROHM
is pulsed once per transmission frame, and
indicates the DS1 or E1 frame alignment. When a
non-PLCP based signal is received, ROHM
indicates the position of each overhead bit in the
transmission frame.
The RNEG/ROHM pin function selection is
controlled by the FRMRBP bit in the S/UNI-PDH
Configuration Register. Both RNEG and ROHM are
sampled on the rising edge of RCLK by default, and
may be enabled to be sampled on the falling edge
of RCLK. This sampling is controlled by the
RCLKINV bit in the S/UNI-PDH Control Register. In
addition, signal polarity control is provided by the
RPNINV bit in the S/UNI-PDH Control Register.
ROHCLK
Output
91
2
Receive DS3/E3 Overhead Clock (ROHCLK).
ROHCLK is active when a DS3 or E3 stream is
being processed. ROHCLK is nominally a 526 kHz
clock when processing DS3, is nominally a 1.072
MHz clock when processing G.832 E3, and is
nominally a 1.074 MHz clock when processing
G.751 E3. ROH, and ROHFP are updated on the
falling edge of ROHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com