Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc PM7345 Datasheet HTML 77Page - PMC-Sierra, Inc PM7345 Datasheet HTML 78Page - PMC-Sierra, Inc PM7345 Datasheet HTML 79Page - PMC-Sierra, Inc PM7345 Datasheet HTML 80Page - PMC-Sierra, Inc PM7345 Datasheet HTML 81Page - PMC-Sierra, Inc PM7345 Datasheet HTML 82Page - PMC-Sierra, Inc PM7345 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
65
formatted stream. When a logic 1 is written to FRMRBP, the DS3 or E3
transceiver is held reset, and the S/UNI-PDH receives and transmits a non-
DS3/E3 formatted stream (for example a DS1 or E1 stream). When using
diagnostic loopback in framer bypass mode, received cell errors may result if the
E3 framer is enabled. Ensure that when FRMRBP is asserted that E3ENBL (in
this register) is not asserted.
LOOPT:
The LOOPT bit selects the transmit timing source. When a logic 1 is written to
LOOPT, the transmitter is loop-timed to the receiver. When loop timing is
enabled, the receive clock (RCLK) is used as the transmit timing source. The
transmit nibble stuffing is derived from the nibble stuffing in the receive PLCP
frame (for DS3 or E3 PLCP frame transmission). The FIXSTUFF bit must be set
to logic 0 if the LOOPT bit is set to logic 1. When a logic 0 is written to LOOPT,
the transmit clock (TICLK) is used as the transmit timing source. The nibble
stuffing is derived from the C13/CADD input, or is fixed internally (as determined
by the FIXSTUFF bit in the SPLT Configuration Register (for DS3 or E3 PLCP
frame transmission only). Setting the LOOPT bit disables the effect of the TICLK
bit in the S/UNI-PDH Control register, thereby forcing flow-through timing. The
LOOPT mode is not available when the S/UNI-PDH is used for E1 ATM direct-
mapped applications. When the S/UNI-PDH is operating in DS-3 mode (E3ENBL
=0) AND loop timing is enabled (LOOPT =1) then the FORMAT[0:1] bits in
register 68H must both be programmed as logic 0. Otherwise cell corruption will
occur.
FIFOBP:
The FIFOBP bit controls the bypassing of the receive and transmit FIFOs. When
a logic 1 is written to FIFOBP, the receive and transmit FIFOs are bypassed,
thereby minimizing the latency through the S/UNI-PDH. Note that the FIFOs may
be bypassed only when PLCP formatted transmission frames (DS3, DS1, G.751
E3, or E1) are processed. When a logic 0 is written to FIFOBP, the receive and
transmit FIFOs operate normally, and both PLCP based and non-PLCP based
transmission frames may be processed
E3ENBL:
The E3ENBL bit controls which of the two transceivers is used for the
transmission system sublayer. When a logic 1 is written to E3ENBL, the
T3-FRMR and T3-TRAN are held reset and the E3-FRMR and E3-TRAN are
enabled to source and sink G.751 or G.832 formatted E3 streams. When a logic
0 is written to E3ENBL, the E3-FRMR and E3-TRAN are held reset and the
T3-FRMR and T3-TRAN are enable to source and sink DS3 formatted streams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com