Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 63Page - PMC-Sierra, Inc PM7345 Datasheet HTML 64Page - PMC-Sierra, Inc PM7345 Datasheet HTML 65Page - PMC-Sierra, Inc PM7345 Datasheet HTML 66Page - PMC-Sierra, Inc PM7345 Datasheet HTML 67Page - PMC-Sierra, Inc PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
Status signals such as far end receive failure (FERF), the alarm indication signal,
and the idle signal can be inserted when their transmission is enabled by internal
register bits. FERF can also be automatically inserted on detection of any
combination of LOS, OOF or RED, or AIS by the T3-FRMR.
A valid pair of P-bits is automatically calculated and inserted by the T3-TRAN.
When C-bit parity mode is selected, the path parity bits, and far end block error
(FEBE) indications are automatically inserted.
When enabled for C-bit parity operation, the FEAC channel is sourced by the XBOC
bit-oriented code transmitter. The TNETOP bit in the S/UNI-PDH Data Link and
FERF Control register controls the source of the path maintenance data link. If
TNETOP is logic 0, the path maintenance data link messages are sourced by the
XFDL data link transmitter. If TNETOP is a logic 1, the path maintenance data link
messages are sourced from the TDLSIG input pin with an associated clock on
TDLCLK. TDLSIG and TDLCLK are only available in the 100-pin PQFP package.
When enabled for M23 operation, the C-bits are forced to logic 1 with the exception
of the C-bit Parity ID bit (first C-bit of the first M-subframe), which is forced to toggle
every M-frame.
The T3-TRAN supports diagnostic modes in which it inserts parity or path parity
errors, F-bit framing errors, M-bit framing errors, invalid X or P-bits, line code
violations, or all-zeros.
User control of each of the overhead bits in the DS3 frame is provided. Overhead
bits may be inserted on a bit-by-bit basis from a user supplied data stream. An
overhead clock (at 526 kHz) and a DS3 overhead alignment output are provided to
allow for control of the user provided stream.
9.12 E3 Transmitter
The E3 Transmitter (E3-TRAN) Block integrates circuitry required to insert the
overhead bits into an E3 bit stream and produce an HDB3-encoded signal. The
E3-TRAN is directly compatible with the G.751 and G.832 framing formats.
The E3-TRAN generates the frame alignment signal and inserts it into the incoming
serial stream based on either the G.751 or G.832 formats and an alignment pulse
applied to it by the SPLT block. All overhead and status bits in each frame format
can be individually controlled by register bits or by the transmit overhead stream.
While in certain framing format modes, the E3-TRAN generates various overhead
bytes according to the following:
• in G.832 E3 format, the E3-TRAN:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com