Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 68Page - PMC-Sierra, Inc PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
58
In general, the management functions include emptying cells from the transmit
FIFO, indicating when the transmit FIFO is full, maintaining the transmit FIFO read
and write pointers and detecting a FIFO overrun condition.
When using the asynchronous FIFO interface (in the 84-pin PLCC, or in the 100-pin
PQFP when SYFIFOB is tied high), the FIFO is automatically reset upon detection
of an overrun or underrun condition. Up to four cells may be lost during the FIFO
reset operation. FIFO overruns are indicated via a maskable interrupt and a register
bit. This asynchronous interface also expects a start of cell indication (TSOC) when
the first octet of a 53 octet cell is written into the transmit FIFO. The transmit FIFO
write pointer is reset to octet 1 of the 53 octet cell when TSOC is sampled high.
During normal operation, TSOC should coincide with octet 1; however, if TSOC is
sampled high during any other octet, the current cell write is aborted, and the FIFO
write pointer is reset to octet 1 of the current cell. A TSOC out of sync event occurs
when TSOC is sampled low during octet 1 of the 53 octet cell, or when TSOC is
sampled high during any octet except octet 1. TSOC out of sync events are
indicated via a maskable interrupt and a register bit. The asynchronous interface
provides an external device with the indication of the full/empty transmit FIFO status
(TFIFOFB). By default, the FIFO full indication is asserted when the FIFO is full and
can accept no more writes (optionally, the full indication can be selected to indicate
when the FIFO is almost full and no more than four writes can be accepted). The
FIFO status changes from full to empty on read cell boundaries with timing derived
from the transmit line clock (TICLK). The FIFO status changes from empty to full on
write cell boundaries with timing aligned to the FIFO write clock (FWRB).
The synchronous FIFO interface is provided in the 100-pin PQFP package when
SYFIFOB is tied to logic 0. This interface is “UTOPIA” compliant and accepts a
write clock (TFCLK) and write enable signal (TWRENB), and the start of a cell
(TSOC) indication when data is written to the transmit FIFO (using the rising edges
of TFCLK). The interface provides the transmit cell available status (TCA) which
can transition from available to unavailable when the transmit FIFO is near full and
can accept no more than 4 more writes (when TFULL4 is logic 1) or when the FIFO
is full and can accept no more writes (default). To reduce FIFO latency, the FIFO
depth at which TCA indicates "full" can be set to one, two, three or four cells by the
FIFODP[1:0] bits of TXCP Control register. If the programmed depth is less than
four, more than one cell may be written after TCA is asserted. This interface also
indicates FIFO overruns and underruns via a maskable interrupt and register bits,
but, unlike the asynchronous interface, further write accesses while TCA is logic 0
are ignored (i.e., the FIFO is not reset on FIFO overrun). Neither is the FIFO reset
on FIFO underrun; the TXFF automatically transmits idle/unassigned cells until a full
cell is available to be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com