Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 69Page - PMC-Sierra, Inc PM7345 Datasheet HTML 70Page - PMC-Sierra, Inc PM7345 Datasheet HTML 71Page - PMC-Sierra, Inc PM7345 Datasheet HTML 72Page - PMC-Sierra, Inc PM7345 Datasheet HTML 73Page - PMC-Sierra, Inc PM7345 Datasheet HTML 74Page - PMC-Sierra, Inc PM7345 Datasheet HTML 75Page - PMC-Sierra, Inc PM7345 Datasheet HTML 76Page - PMC-Sierra, Inc PM7345 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
9.18 TTB Trail Trace Buffer
The Trail Trace Buffer (TTB) extracts and sources the trail trace message carried in
the TR byte of the G.832 E3 stream. The message is used by the OS to prevent
delivery of traffic from the wrong source and is 16 bytes in length. The 16-byte
message is framed by the PTI Multiframe Alignment Signal (TMFAS = 'b10000000
00000000). One bit of the TMFAS is placed in the most significant bit of each
message byte. In the receive direction, the trail trace message is extracted from the
serial overhead stream output by the E3-FRMR. The extracted message is stored in
the internal RAM for review by an external microprocessor. By default, the TTB will
write the byte of a 16-byte message with its most significant bit set high to the first
location in the RAM. The extracted trail trace message is checked for consistency
between consecutive multiframes. A message received unchanged three or five
times (programmable) is accepted for comparison with the copy previously written
into the internal RAM by the external microprocessor. Alarms are raised to indicate
reception of unstable and mismatched messages. In the transmit direction, the TTB
sources the trail trace message from the internal RAM for insertion into the TR byte
by the E3-TRAN.
The TTB also extracts the Payload Type label carried in the MA byte of the G.832 E3
stream. The label is used to ensure that the adaptation function at the trail
termination sink is compatible with the adaptation function at the trail termination
source. The Payload Type label is check for consistency between consecutive
multiframes. A Payload Type label received unchanged for five frames is accepted
for comparison with the copy previously written into the TTB by the external
microprocessor. Alarms are raised to indicate reception of unstable and
mismatched Payload Type label bits.
9.19 Microprocessor Interface
The Microprocessor Interface (MPIF) Block serves as the physical interface between
the microprocessor and the internal blocks. The MPIF Block provides functions such
as data bus buffering and address decoding. The MPIF Block allows for device level
configuration of each block of the S/UNI-PDH device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com