Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 94Page - PMC-Sierra, Inc PM7345 Datasheet HTML 95Page - PMC-Sierra, Inc PM7345 Datasheet HTML 96Page - PMC-Sierra, Inc PM7345 Datasheet HTML 97Page - PMC-Sierra, Inc PM7345 Datasheet HTML 98Page - PMC-Sierra, Inc PM7345 Datasheet HTML 99Page - PMC-Sierra, Inc PM7345 Datasheet HTML 100Page - PMC-Sierra, Inc PM7345 Datasheet HTML 101Page - PMC-Sierra, Inc PM7345 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
84
Register 0AH: DS3 FRMR Interrupt Status
Bit
Type
Function
Default
Bit 7
R
COFAI
X
Bit 6
R
REDI
X
Bit 5
R
CBITI
X
Bit 4
R
FERFI
X
Bit 3
R
IDLI
X
Bit 2
R
AISI
X
Bit 1
R
OOFI
X
Bit 0
R
LOSI
X
LOSI:
The LOSI bit is set to logic 1 when a loss of signal defect is detected or removed.
The LOSI bit position is set to logic 0 when this register is read.
OOFI:
The OOFI bit is set to logic 1 when an out of frame defect is detected or
removed. The OOFI bit position is set to logic 0 when this register is read.
AISI:
The AISI bit is set to logic 1 when the DS3 AIS maintenance signal is detected or
removed. The AISI bit position is set to logic 0 when this register is read.
IDLI:
The IDLI bit is set to logic 1 when the DS3 IDLE maintenance signal is detected
or removed. The IDLI bit position is set to logic 0 when this register is read.
FERFI:
The FERFI bit is set to logic 1 when a FERF defect is detected or removed. The
FERFI bit position is set to logic 0 when this register is read.
CBITI:
The CBITI bit is set to logic 1 when a change of state is detected in the DS3
application identification channel. The CBITI bit position is set to logic 0 when
this register is read.
REDI:
The REDI bit indicates that a change of state of the DS3 RED indication has
occurred. The DS3 RED indication is visible in the REDV bit location of the DS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com