Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 102 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 98Page - PMC-Sierra, Inc PM7345 Datasheet HTML 99Page - PMC-Sierra, Inc PM7345 Datasheet HTML 100Page - PMC-Sierra, Inc PM7345 Datasheet HTML 101Page - PMC-Sierra, Inc PM7345 Datasheet HTML 102Page - PMC-Sierra, Inc PM7345 Datasheet HTML 103Page - PMC-Sierra, Inc PM7345 Datasheet HTML 104Page - PMC-Sierra, Inc PM7345 Datasheet HTML 105Page - PMC-Sierra, Inc PM7345 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
88
Register 0CH: RFDL Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
TR
0
Bit 0
R/W
EN
0
EN:
The EN bit controls the overall operation of the RFDL Block. When a logic 1 is
written to EN, the RFDL is enabled to receive HDLC messages on the selected
maintenance data link. When a logic 0 is written to EN, the RFDL is disabled.
When the RDFL is disabled, the receive data link FIFO and interrupts are
cleared. The programming of the RFDL Enable/Status Register is not affected.
When the RFDL is enabled, it will immediately begin searching for HDLC flag
sequences.
TR:
The TR bit terminates the reception of the current maintenance data link
message. When a logic 1 is written to TR, the RFDL empties the receive data
link FIFO, clears all HDLC related interrupts, and begins searching for a new
HDLC flag sequence. The RFDL handles the TR input in the same manner as if
the EN bit had been cleared and then set. The TR bit is self-clearing; after being
set, it will be cleared to logic zero after one cycle of the RDLCLK (Receive
Datalink Clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com