Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 97Page - PMC-Sierra, Inc PM7345 Datasheet HTML 98Page - PMC-Sierra, Inc PM7345 Datasheet HTML 99Page - PMC-Sierra, Inc PM7345 Datasheet HTML 100Page - PMC-Sierra, Inc PM7345 Datasheet HTML 101Page - PMC-Sierra, Inc PM7345 Datasheet HTML 102Page - PMC-Sierra, Inc PM7345 Datasheet HTML 103Page - PMC-Sierra, Inc PM7345 Datasheet HTML 104Page - PMC-Sierra, Inc PM7345 Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
87
is set to logic 1 (indicating the presence of the C-bit parity application) when the
AIC bit is set high for 63 consecutive M-frames. CBITV is set to logic 0
(indicating the presence of the M23 or SYNTRAN applications) when AIC is set
low for 2 or more M-frames in the last 15.
REDV:
The REDV bit indicates the current state of the DS3 RED indication. When the
REDV bit is a logic 1, the DS3 FRMR frame alignment acquisition circuitry has
been out of frame for 2.23ms (or for 13.5ms when FDET is logic 0). When the
REDV bit is logic 0, the frame alignment circuitry has found frame (i.e. OOFV=0)
for 2.23ms ( or 13.5ms if FDET=0).
ACE:
The ACE bit selects the Additional Configuration Register. This register is
located at address 09H, and is only accessible when the ACE bit is set to logic 1.
When ACE is set to logic 0, the Interrupt Enable register is accessible at address
09H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com