Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 99Page - PMC-Sierra, Inc PM7345 Datasheet HTML 100Page - PMC-Sierra, Inc PM7345 Datasheet HTML 101Page - PMC-Sierra, Inc PM7345 Datasheet HTML 102Page - PMC-Sierra, Inc PM7345 Datasheet HTML 103Page - PMC-Sierra, Inc PM7345 Datasheet HTML 104Page - PMC-Sierra, Inc PM7345 Datasheet HTML 105Page - PMC-Sierra, Inc PM7345 Datasheet HTML 106Page - PMC-Sierra, Inc PM7345 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
89
Register 0DH: RFDL Enable/Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
INTC1
0
Bit 1
R/W
INTC0
0
Bit 0
R
INT
X
INTC1, INTC0:
INTC1 and INTC0 control the generation of HDLC related interrupt as follows:
The contents of the RFDL Enable/Status register should only be changed when
the RFDL is disabled to prevent any erroneous interrupt generation.
INTC1
INTC0
Description
0
0
Disable interrupts (All HDLC sources)
0
1
Enable INTB when FIFO receives data
1
0
Enable INTB when FIFO has 2 bytes of data
1
1
Enable INTB when FIFO has 3 bytes of data
INT:
The INT bit indicates the status of the internal HDLC interrupt. Interrupts are
generated depending on the FIFO fill status, end of message (EOM) detection,
FIFO overrun, abort sequence detection, and first HDLC flag sequence
detection. The interrupt is cleared by an RFDL Receive Data Register read that
empties the FIFO, unless the cause of the interrupt was due to a FIFO overrun.
A FIFO overrun interrupt is cleared on an RFDL Status Register read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com