Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 178Page - Advanced Micro Devices ELANSC520 Datasheet HTML 179Page - Advanced Micro Devices ELANSC520 Datasheet HTML 180Page - Advanced Micro Devices ELANSC520 Datasheet HTML 181Page - Advanced Micro Devices ELANSC520 Datasheet HTML 182Page - Advanced Micro Devices ELANSC520 Datasheet HTML 183Page - Advanced Micro Devices ELANSC520 Datasheet HTML 184Page - Advanced Micro Devices ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 440 page
background image
GP DMA Controller Registers
11-50
Élan™SC520 Microcontroller Register Set Manual
Slave DMA Channel 0–3 Status (SLDMASTA)
Direct-Mapped
I/O Address 0008h
Register Description
This register indicates the request status and terminal count status for Channels 0–3.
Bit Definitions
Programming Notes
Bits 3–0 of this register are reset when read. Any read from this register (SLDMASTA) clears bits 3–0.
7
6
5
4
3
2
1
0
Bit
DMAR3
DMAR2
DMAR1
DMAR0
TC3
TC2
TC1
TC0
Reset
????0000
R/W
RRRR
R!
R!
R!
R!
Bit
Name
Function
7DMAR3
Channel 3 DMA Request
0 = Channel 3 DMA request not pending
1 = Channel 3 DMA request pending
6DMAR2
Channel 2 DMA Request
0 = Channel 2 DMA request not pending
1 = Channel 2 DMA request pending
5DMAR1
Channel 1 DMA Request
0 = Channel 1 DMA request not pending
1 = Channel 1 DMA request pending
4DMAR0
Channel 0 DMA Request
0 = Channel 0 DMA request not pending
1 = Channel 0 DMA request pending
3TC3
Channel 3 Terminal Count
0 = Channel 3 terminal count not detected
1 = Channel 3 terminal count detected
2TC2
Channel 2 Terminal Count
0 = Channel 2 terminal count not detected
1 = Channel 2 terminal count detected
1TC1
Channel 1 Terminal Count
0 = Channel 1 terminal count not detected
1 = Channel 1 terminal count detected
0TC0
Channel 0 Terminal Count
0 = Channel 0 terminal count not detected
1 = Channel 0 terminal count detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com