Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 183 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 183 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 179Page - Advanced Micro Devices ELANSC520 Datasheet HTML 180Page - Advanced Micro Devices ELANSC520 Datasheet HTML 181Page - Advanced Micro Devices ELANSC520 Datasheet HTML 182Page - Advanced Micro Devices ELANSC520 Datasheet HTML 183Page - Advanced Micro Devices ELANSC520 Datasheet HTML 184Page - Advanced Micro Devices ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices ELANSC520 Datasheet HTML 187Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-51
Slave DMA Channel 0–3 Control (SLDMACTL)
Direct-Mapped
I/O Address 0008h
Register Description
This register provides the control function for Channels 0–3.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
DAKSEN
DRQSEN
WRTSEL
PRITYPE
COMPTIM
DMA_DIS
Reserved
Reset
00000000
R/W
WWWWWW
RSV
Bit
Name
Function
7
DAKSEN
Internal dackx Sense
In a discrete DMA controller, this bit controls the polarity of all dackx outputs from the slave
DMA controller:
0 = Asserted Low
1 = Asserted High
System logic external to the DMA controller expects the DMA controller to drive active Low
dackx outputs. This bit must be written to 0 for proper system operation.
6
DRQSEN
Internal drqx Sense
In a discrete DMA controller, this bit controls the polarity of all drqx inputs to the slave DMA
controller:
0 = Asserted High
1 = Asserted Low
System logic external to the DMA controller expects the DMA controller to respond to active
High drqx inputs. This bit must be written to 0 for proper system operation.
5
WRTSEL
Write Selection Control
0 = Late write selection.
1 = Extended (early) write selection. Write command signals (GPIOWR and GPMEMWR) are
asserted one clock early.
Enabling this feature results in timing changes on the GP bus that can violate the ISA
specification. This bit has no effect when the COMPTIM bit is 1.
4
PRITYPE
Priority Type
0 = Fixed priority
1 = Rotating priority
3
COMPTIM
Compressed Timing
0 = Normal timing.
1 = Compressed timing. Read command signals (GPIORD and GPMEMRD) have a one clock
pulse width.
Enabling this feature results in timing changes on the GP bus that can violate the ISA
specification.
2DMA_DIS
Disable DMA Controller
0 = DMA requests are enabled.
1 = DMA requests are ignored but DMA registers are available to the CPU.
The DMA controller should be disabled prior to programming it in order to prevent unintended
transfers from occurring during the DMA controller programming operation. Care should also
be taken to ensure that the DMA controller is idle before disabling it. If the DMA controller is
performing a transfer when software disables it, abnormal system operation can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com