Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 187 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 187 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 183Page - Advanced Micro Devices ELANSC520 Datasheet HTML 184Page - Advanced Micro Devices ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices ELANSC520 Datasheet HTML 187Page - Advanced Micro Devices ELANSC520 Datasheet HTML 188Page - Advanced Micro Devices ELANSC520 Datasheet HTML 189Page - Advanced Micro Devices ELANSC520 Datasheet HTML 190Page - Advanced Micro Devices ELANSC520 Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-55
Slave DMA Channel 0–3 Mode (SLDMAMODE)
Direct-Mapped
I/O Address 000Bh
Register Description
This register indicates the transfer mode for Channels 0–3.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
TRNMOD[1–0]
ADDDEC
AINIT
OPSEL[1–0]
MODSEL[1–0]
Reset
xxxxxxxx
R/W
WW
WW
W
Bit
Name
Function
7–6
TRNMOD[1–0]
Transfer Mode
This bit field selects the transfer mode for the channel selected by the MODSEL bit field.
00 = Demand transfer mode
01 = Single transfer mode
10 = Block transfer mode
11 = Cascade mode. (Only Channel 4 should be programmed for cascade mode. All other
channels should be programmed for one of the other modes).
5
ADDDEC
Address Decrement
This bit field selects increment or decrement counting for the channel selected by the
MODSEL bit field.
0 = Increment the DMA memory address after each transfer.
1 = Decrement the DMA memory address after each transfer.
4AINIT
Automatic Initialization Control
This bit field enables automatic initialization for the channel selected by the MODSEL bit field.
0 = Automatic initialization is disabled.
1 = Automatic initialization is enabled.
Automatic initialization causes the channel’s base address and transfer count registers to be
restored to the values they contained prior to the DMA transfer when the transfer count ends.
The channel is then ready to perform another DMA transfer without processor intervention as
soon as the next DMA request is detected.
Automatic initialization must be disabled when buffer chaining mode is used; otherwise
unexpected results may occur.
3–2
OPSEL[1–0]
Operation Select
This bit field selects the DMA operation for the channel selected by the MODSEL bit field.
00 = Verify mode. The DMA controller acts normally except that no I/O or memory commands
are generated, and no data is transferred.
01 = Write transfer. Data is transferred from a DMA-capable I/O or memory-mapped device
into system memory.
10 = Read transfer. Data is transferred from system memory to a DMA-capable I/O or
memory-mapped device.
11 = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com