Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 189 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 189 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices ELANSC520 Datasheet HTML 187Page - Advanced Micro Devices ELANSC520 Datasheet HTML 188Page - Advanced Micro Devices ELANSC520 Datasheet HTML 189Page - Advanced Micro Devices ELANSC520 Datasheet HTML 190Page - Advanced Micro Devices ELANSC520 Datasheet HTML 191Page - Advanced Micro Devices ELANSC520 Datasheet HTML 192Page - Advanced Micro Devices ELANSC520 Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-57
Slave DMA Clear Byte Pointer (SLDMACBP)
Direct-Mapped
I/O Address 000Ch
Register Description
This register channel provides a mechanism to adjust the byte pointer to the low byte of the memory address and
transfer count registers for Channels 0–3.
Bit Definitions
Programming Notes
7
6
5
4
3
2
1
0
Bit
SLAVE_CBP[7–0]
Reset
xxxxxxxx
R/W
W!
Bit
Name
Function
7–0
SLAVE_CBP
[7–0]
Slave DMA Clear Byte Pointer
The DMA controller’s 16-bit memory address and terminal count registers are accessed by
writing or reading consecutive 8-bit values to the same direct-mapped I/O address. A single
byte pointer is used across the slave DMA controller to determine which byte is accessed if
any of these 16-bit registers is read or written. Any access to one of these registers toggles
the byte pointer between the low and high bytes.
A write of any data to this bit field (SLAVE_CBP) clears the byte pointer so that the next
memory address or transfer count register access is to the low byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com