Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 185 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 185 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 181Page - Advanced Micro Devices ELANSC520 Datasheet HTML 182Page - Advanced Micro Devices ELANSC520 Datasheet HTML 183Page - Advanced Micro Devices ELANSC520 Datasheet HTML 184Page - Advanced Micro Devices ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices ELANSC520 Datasheet HTML 187Page - Advanced Micro Devices ELANSC520 Datasheet HTML 188Page - Advanced Micro Devices ELANSC520 Datasheet HTML 189Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-53
Slave Software DRQ(n) Request (SLDMASWREQ)
Direct-Mapped
I/O Address 0009h
Register Description
This register is used to initiate a software DMA request for one of Channels 0–3.
Bit Definitions
Programming Notes
7
6
5
4
3
2
1
0
Bit
Reserved
REQDMA
REQSEL[1–0]
Reset
00000
x
x
x
R/W
RSV
W
W
Bit
Name
Function
7–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2
REQDMA
Software DMA Request
0 = Clear the request bit for the channel selected by the REQSEL bit field.
1 = Set the request bit for the channel selected by the REQSEL bit field.
The request bit is cleared internally after the corresponding channel has reached the end of
its transfer count.
1–0
REQSEL[1–0]
DMA Channel Select
This bit field selects the DMA channel that is to latch the REQDMA bit internally to assert or
deassert a DMA request via software:
00 = Select Channel 0 for internal DMA request per the REQDMA bit.
01 = Select Channel 1 for internal DMA request per the REQDMA bit.
10 = Select Channel 2 for internal DMA request per the REQDMA bit.
11 = Select Channel 3 for internal DMA request per the REQDMA bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com