Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 182Page - Advanced Micro Devices ELANSC520 Datasheet HTML 183Page - Advanced Micro Devices ELANSC520 Datasheet HTML 184Page - Advanced Micro Devices ELANSC520 Datasheet HTML 185Page - Advanced Micro Devices ELANSC520 Datasheet HTML 186Page - Advanced Micro Devices ELANSC520 Datasheet HTML 187Page - Advanced Micro Devices ELANSC520 Datasheet HTML 188Page - Advanced Micro Devices ELANSC520 Datasheet HTML 189Page - Advanced Micro Devices ELANSC520 Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 440 page
background image
GP DMA Controller Registers
11-54
Élan™SC520 Microcontroller Register Set Manual
Slave DMA Channel 0–3 Mask (SLDMAMSK)
Direct-Mapped
I/O Address 000Ah
Register Description
This register provides a mask or unmask capability for the DMA request signal to each of Channels 0–3.
Bit Definitions
Programming Notes
The same DMA channel masks can be controlled via DMA registers SLDMAMSK, SLDMAMSKRST (see
page 11-60), and SLDMAGENMSK (see page 11-61).
Before masking an active DMA channel, software must ensure that the DMA request is deasserted. Masking an
active channel while it is being granted might cause the system to hang.
7
6
5
4
3
2
1
0
Bit
Reserved
CHMASK
MSKSEL[1–0]
Reset
00000
x
x
x
R/W
RSV
W
W
Bit
Name
Function
7–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2
CHMASK
DMA Channel Mask
0 = Clear the mask bit for the channel selected by the MSKSEL bit field.
1 = Set the mask bit for the channel selected by the MSKSEL bit field.
If the AINIT bit is 0 in the SLDMAMODE register (see page 11-55), the mask bit is set
internally when the corresponding channel reaches the end of its transfer count.
If the AINIT bit is 1, the mask bit remains clear when the transfer ends.
1–0
MSKSEL[1–0]
DMA Channel Mask Select
This bit field selects the DMA channel that is to latch the CHMASK bit internally to mask or
unmask the DMA request signal into the specified DMA channel:
00 = Mask or unmask DMA Channel 0 per the CHMASK bit.
01 = Mask or unmask DMA Channel 1 per the CHMASK bit.
10 = Mask or unmask DMA Channel 2 per the CHMASK bit.
11 = Mask or unmask DMA Channel 3 per the CHMASK bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com