Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 155 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 155 Page - Analog Devices

Back Button AD9545 Datasheet HTML 149Page - Analog Devices AD9545 Datasheet HTML 150Page - Analog Devices AD9545 Datasheet HTML 151Page - Analog Devices AD9545 Datasheet HTML 152Page - Analog Devices AD9545 Datasheet HTML 153Page - Analog Devices AD9545 Datasheet HTML 154Page - Analog Devices AD9545 Datasheet HTML 155Page - Analog Devices AD9545 Datasheet HTML 156Page - Analog Devices AD9545 Datasheet HTML 157Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 155 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 155 of 157
In read mode, the master device (receiver) receives the last data
byte from the slave device (transmitter) but does not pull SDA
low during the ninth clock pulse (a nonacknowledge bit). By
receiving the nonacknowledge bit, the slave device knows that the
data transfer is finished and enters idle mode.
The master device then takes the data line low during the low
period before the 10th clock pulse, and high during the 10th
clock pulse to assert a stop condition.
A start condition can be used instead of a stop condition.
Furthermore, a start or stop condition can occur at any time,
and partially transferred bytes are discarded.
SDA
START CONDITION
STOP CONDITION
SCL
S
P
Figure 124. Start and Stop Conditions
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
SDA
SCL
S
MSB
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
P
Figure 125. Acknowledge Bit
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
SDA
SCL
S
MSB
P
Figure 126. Data Transfer Process (Master Write Mode, 2-Byte Transfer)
1
2
8
9
1
2
3 TO 7
3 TO 7
8
9
10
ACK FROM
MASTER RECEIVER
NONACK FROM
MASTER RECEIVER
SDA
SCL
S
P
Figure 127. Data Transfer Process (Master Read Mode, 2-Byte Transfer), First Acknowledge From Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com