Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 150 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 150 Page - Analog Devices

Back Button AD9545 Datasheet HTML 146Page - Analog Devices AD9545 Datasheet HTML 147Page - Analog Devices AD9545 Datasheet HTML 148Page - Analog Devices AD9545 Datasheet HTML 149Page - Analog Devices AD9545 Datasheet HTML 150Page - Analog Devices AD9545 Datasheet HTML 151Page - Analog Devices AD9545 Datasheet HTML 152Page - Analog Devices AD9545 Datasheet HTML 153Page - Analog Devices AD9545 Datasheet HTML 154Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 150 of 157
START TIMEOUT CLOCK:
TIME = 0
CAL_COUNT = 0
LOCK REG BIT 3 = 1
TIMEOUT CLOCK:
TIME > 50ms
CAL_COUNT > 1
NO
YES
NO
YES
NO
YES
CAL_COUNT =
CAL_COUNT + 1
APLL LOCK
DETECT POLLING
LOOP
APLL RECALIBRATION
LOOP
START
END
END
(TO RST_COUNT
CHECK)
WRITE:
CAL REG BIT 1 = 0
WRITE:
REGISTER 0x0F BIT 0 = 1
WRITE:
REGISTER 0x0F BIT 0 = 1
WRITE:
CAL REG BIT 1 = 1
VCO
CALIBRATION
OPERATION
WRITE:
SYNC REG BIT 3 = 1
WRITE:
REGISTER 0x0F BIT 0 = 1
WRITE:
REGISTER 0x0F BIT 0 = 1
MANUAL
DISTRIBUTION
SYNCHRONIZATION
OPERATION
WRITE:
SYNC REG BIT 3 = 0
AUTOSYNC
REGISTERS[1:0] = 0
NO
YES
CAL REG.
0x2100
0x2200
APLL
0
1
LOCK REG.
0x3100
0x3200
SYNC REG.
0x2101
0x2201
AUTOSYNC REG.
0x10DB
0x14DB
Figure 116. AD9545 Analog PLL Initialization Subprocess



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com