Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 146 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 146 Page - Analog Devices

Back Button AD9545 Datasheet HTML 142Page - Analog Devices AD9545 Datasheet HTML 143Page - Analog Devices AD9545 Datasheet HTML 144Page - Analog Devices AD9545 Datasheet HTML 145Page - Analog Devices AD9545 Datasheet HTML 146Page - Analog Devices AD9545 Datasheet HTML 147Page - Analog Devices AD9545 Datasheet HTML 148Page - Analog Devices AD9545 Datasheet HTML 149Page - Analog Devices AD9545 Datasheet HTML 150Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 146 of 157
The AD9545 can also perform specialized frequency translation
tasks to accommodate FEC and/or jitter suppression associated
with a gapped clock scenario, as shown in Figure 110 and
Figure 111.
The flexibility and available feature set of the AD9545 enables it
to meet the continually evolving nature of optical line card
protocols and functions. However, the examples given Figure 110
and Figure 111 are by no means exhaustive.
SMALL CELL BASE STATION
The diagram shown in Figure 112 is an example of the AD9545
providing all of the synchronization necessary for the baseband
unit of a small cell base station. The built-in JESD204B support
enables a particularly compact and efficient design.
The AD9545 can lock to any of the following input sources:
•
GPS
•
SyncE
•
IEEE1588 (requires a separate IEEE1588 servo and
software stack—see Figure 113 for an example of using the
AD9545 as part of an IEEE1588 servo loop)
•
Loop timed input (in the case of SONET/SDH backhaul)
In this small cell application, PLL0 provides up to four device
system reference (SYSREF) clocks for clocking wireless
transceivers (such as the AD9371), a clock signal for
distribution through a 1:4 buffer for clocking up to two radio
cards and an optional CPU interface clock for the baseband
processor. Independently, PLL1 provides a clock for the
backhaul interface via the network connection. PLL0 and PLL1
derive their input timing from the appropriate input sources
(GPS, IEEE1588, loop timing from the network, or SyncE).
Because the AD9545 supports an optional EEPROM, the user
can store the application configuration for automatic download
at power-up.
SMALL CELL
1:4
SYSREF TO
RADIO 1
SYSREF TO
RADIO 2
SYSREF TO
BASEBAND
BASEBAND
PROCESSOR
NETWORK
CONNECTION
RADIO
(2 CARDS)
<1PS
<1PS
EXTERNAL
NETWORK
EEPROM
(OPTIONAL)
SYSTEM
CLOCK PLL
STATUS
AND CONTROL
PINS
AD9545
TEMPERATURE
SENSOR
SYSTEM CLOCK
COMPENSATION
REFERENCE
SWITCHING
CONTROL
REFERENCE
MONITORS
÷R
TDC
REFA
REFAA
REFB
REFBB
REFERENCE
INPUTS
NCO
DPLL
DPLL0
APLL0
NCO
DPLL
DPLL1
PLL
APLL1
VCO
PLL0
PLL1
DISTRIBUTION
OUTPUTS
DISTRIBUTION
OUTPUTS
INTERNAL ZERO DELAY
INTERNAL ZERO DELAY
XOA/XOB
SYSTEM
CLOCK
DIGITAL
CROSS
POINT
MUX
SERIAL PORT (SPI/I2C)
AND EEPROM
CONTROLLER
M0 TO M6
AUXILIARY
NCOs
AUXILIARY
TDCs
OUT0AP/OUT0AN
OUT0BP/OUT0BN
OUT0CP/OUT0CN
OUT1AP/OUT1AN
OUT1BP/OUT1BN
÷2
÷2
÷Q
÷Q
PLL VCO
INPUT
GPS, IEEE1588,
LOOP TIMED
FROM NETWORK,
SyncE
ETHERNET
SyncE
PON
SONET/SDH
30.72MHz
61.44MHz
122.88MHz
JESD204B SUPPORT
30.72MHz
61.44MHz
122.88MHz
245.76MHz
307.2MHz
DIFF/SE OUTPUTS
10MHz
25MHz
125MHz
156.25MHz
312.5MHz
DIFF/SE OUTPUTS
Figure 112. AD9545 Small Cell Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com