Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 147 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 147 Page - Analog Devices

Back Button AD9545 Datasheet HTML 143Page - Analog Devices AD9545 Datasheet HTML 144Page - Analog Devices AD9545 Datasheet HTML 145Page - Analog Devices AD9545 Datasheet HTML 146Page - Analog Devices AD9545 Datasheet HTML 147Page - Analog Devices AD9545 Datasheet HTML 148Page - Analog Devices AD9545 Datasheet HTML 149Page - Analog Devices AD9545 Datasheet HTML 150Page - Analog Devices AD9545 Datasheet HTML 151Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 147 of 157
IEEE 1588 SERVO
The AD9545 provides all of the jitter cleaning, phase shifting,
and synchronization for an IEEE 1588 servo and software stack
in a Telecom-BC (T-BC) with hybrid support application (see
Figure 113). The diagram in Figure 113 supports IEEE 1588
master and slave clock operation.
PLL0 provides two filtered, 125 MHz SyncE clocks. PLL1
provides for two output clocks, each operating from 1 pps up to
500 MHz with high resolution output phase adjustment and
slew rate limiting capability, which allows filtering a GPS signal,
for example, and provides PTP asymmetry correction (with
appropriate PTP software support).
Figure 113 also shows the ability of the AD9545 to compensate
for system clock errors by taking advantage of a frequency stable
source applied at the reference input (REF IN) input and using
the auxiliary NCOs as references to PLL0 and PLL1. This
capability improves the overall timing precision of the system.
The performance and feature set of the AD9545 make it ideal
for enabling the latest IEEE 1588 features, as well as the latest
ITU-T packet synchronization related standards for 4G and 5G
wireless networks.
REF IN
1PPS TO 750 MHz
SYSTEM
CLOCK PLL
STATUS
AND CONTROL
PINS
AD9545
TEMPERATURE
SENSOR
SYSTEM CLOCK
COMPENSATION
REFERENCE
SWITCHING
CONTROL
REFERENCE
MONITORS
REFA
REFAA
REFB
REFBB
NCO
DPLL
DPLL0
APLL0
NCO
DPLL
DPLL1
PLL
APLL1
VCO
PLL0
PLL1
DISTRIBUTION
OUTPUTS
DISTRIBUTION
OUTPUTS
INTERNAL ZERO DELAY
INTERNAL ZERO DELAY
XOA/XOB
SYSTEM
CLOCK
DIGITAL
CROSS
POINT
MUX
SERIAL PORT (SPI/I2C)
AND EEPROM
CONTROLLER
M0 TO M6
AUXILIARY
NCOs
AUXILIARY
TDCs
OUT0AP/OUT0AN
OUT0BP/OUT0BN
OUT0CP/OUT0CN
OUT1AP/OUT1AN
OUT1BP/OUT1BN
÷2
÷2
÷Q
÷Q
PLL VCO
÷R
TDC
REFERENCE
INPUTS
MEMORY
CPU
MAC
PACKET
CLASSIFIER
AND
TIMESTAMP
TIME
OF
DAY
CLOCK INTERFACES
MANAGEMENT
INTERFACE
RGMII/SGMII
(WITH SyncE SUPPORT)
TIME OF DAY
IN/OUT
(1PPS + TUART WITH
NEMA FORMAT)
CLOCK OUT
1PPS TO 500 MHz
(WITH OPTIONAL
1PPS MODULATION)
125MHz FILTERED/ADJUSTED
125MHz FILTERED/ADJUSTED
1PPS
1PPS
Figure 113. Using an AD9545 in an IEEE1588 Version 2 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com