Electronic Components Datasheet Search
  English  ▼

X  

AD9545 Datasheet(PDF) 142 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 142 Page - Analog Devices

Back Button AD9545 Datasheet HTML 138Page - Analog Devices AD9545 Datasheet HTML 139Page - Analog Devices AD9545 Datasheet HTML 140Page - Analog Devices AD9545 Datasheet HTML 141Page - Analog Devices AD9545 Datasheet HTML 142Page - Analog Devices AD9545 Datasheet HTML 143Page - Analog Devices AD9545 Datasheet HTML 144Page - Analog Devices AD9545 Datasheet HTML 145Page - Analog Devices AD9545 Datasheet HTML 146Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 142 of 157
Table 62. EEPROM Controller Instruction Set Summary
Instruction Code (Hexadecimal)
Response
Comments
0x00 to 0x7F
Register transfer
Requires a 2-byte register address suffix
0x80
Input/output update
Assert input/output update during download
0x81 to 0x8F
Not applicable
Undefined
0x90
Calibrate APLLs
Calibrate the system clock PLL, APLL0, and APLL1 during download
0x91
Calibrate the system clock PLL
Calibrate only the system clock PLL during download
0x92
Calibrate APLL0
Calibrate only APLL0 during download
0x93
Calibrate APLL1
Calibrate only APLL1 during download
0x94 to 0x97
Not applicable
Reserved/unused
0x98
Force freerun
Force DPLL0 and DPLL1 to freerun during download
0x99
Force DPLL0 freerun
Force only DPLL0 to freerun during download
0x9A
Force DPLL1 freerun
Force only DPLL1 to freerun during download
0x9B to 0x9F
Not applicable
Reserved/unused
0xA0
Synchronize outputs
Synchronize all distribution outputs during download
0xA1
Synchronize Channel 0
Synchronize only Channel 0 distribution outputs during download
0xA2
Synchronize Channel 1
Synchronize only Channel 1 distribution outputs during download
0xA3 to 0xAF
Not applicable
Reserved/unused
0xB0
Clear condition
Apply Condition 0 and reset the condition map
0xB1 to 0xBF
Set condition
Apply Condition 1 to Condition 15, respectively
0xC0 to 0xFD
Not applicable
Undefined
0xFE
Pause
Pause the EEPROM upload sequence
0xFF
End of data
Marks the end of the instruction sequence
Conditional Instructions (0xB0 to 0xBF)
The conditional instructions allow conditional execution of
EEPROM instructions during a download sequence. During an
upload sequence, however, they are stored as is and have no
effect on the upload process.
Conditional processing makes use of four elements:
•
The conditional instruction.
•
The condition value.
•
The condition ID.
•
The condition map.
Conditional Instruction
When the EEPROM controller encounters a conditional
instruction during an upload sequence, it stores the instruction
in the EEPROM. When the EEPROM controller detects a
conditional instruction during a download sequence, it affects
the condition map as well as the outcome of conditional processing.
Condition Value
The condition value has a one to one correspondence to the
conditional instruction. Specifically, the condition value is the
value of the conditional instruction minus 0xB0. Therefore,
condition values have a range of 0 to 15. The EEPROM controller
uses condition values in conjunction with the condition map,
while the user uses a condition value to populate the EEPROM
load condition bit field of the register map with a condition ID.
Condition ID
The condition ID is the value stored in the 4-bit EEPROM load
condition bit field in the EEPROM section of the register map.
The EEPROM controller uses the condition ID in conjunction
with the condition map to determine which instructions to
execute or ignore during a download sequence.
Condition Map
The condition map is a table maintained by the EEPROM
controller consisting of a list of condition values. When the
EEPROM controller encounters a conditional instruction
during a download sequence, it determines the corresponding
condition value of the instruction (0 to 15). If the condition
value is nonzero, the EEPROM controller places the condition
value in the condition map. Conversely, if the condition value
is zero, the controller clears the condition map and applies
Condition 0. Condition 0 causes all subsequent instructions to
execute unconditionally (until the controller encounters a new
conditional instruction that causes conditional processing).
Conditional Processing
While executing a download sequence, the EEPROM controller
executes or skips instructions depending on the condition ID
and the contents of the condition map (except for the condi-
tional and end of data instructions, which always execute
unconditionally).
If the condition map is empty or the condition ID is zero, all
instructions execute unconditionally during download.
However, if the condition ID is nonzero and the condition map
contains a condition value matching the condition ID, the
EEPROM controller executes the subsequent instructions.
Alternatively, if the condition ID is nonzero but the condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com